Electronic Components Datasheet Search
  English  ▼

X  

DP83231 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83231
Description  CRD Device (FDDI Clock Recovery Device)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83231 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP83231 Datasheet HTML 3Page - National Semiconductor (TI) DP83231 Datasheet HTML 4Page - National Semiconductor (TI) DP83231 Datasheet HTML 5Page - National Semiconductor (TI) DP83231 Datasheet HTML 6Page - National Semiconductor (TI) DP83231 Datasheet HTML 7Page - National Semiconductor (TI) DP83231 Datasheet HTML 8Page - National Semiconductor (TI) DP83231 Datasheet HTML 9Page - National Semiconductor (TI) DP83231 Datasheet HTML 10Page - National Semiconductor (TI) DP83231 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
30 Pin Descriptions (Continued)
Symbol
Pin No
IO
Description
EXTVCC
28
External VCC Positive power supply for all the input and output buffers intended for a5V operation
g
10% relative to ground Bypass capacitors should be placed as close as possible across the
EXTVCC and EXTGND pins DVCC AVCC and EXTVCC should be tied together at the device pins
through chokes
DGND
15
Digital Ground
Power supply return for the internal circuitry DGND AGND and EXT GND pins
should be tied together
EXTGND
1
External Ground
Power supply return for the input and output buffers DGND AGND and EXT GND
pins should be tied together
AVCC
11
Analog VCC Positive power supply for the critical analog circuitry intended for a5V operation g5%
relative to ground Bypass capacitors should be placed as close as possible across the AVCC and
AGND pins DVCC EXTVCC and AVCC should be tied together through chokes
AGND
14
Analog Ground
Power supply return for the critical analog circuitry DGND EXTGND and AGND
pins should be tied together
VCO BIAS
12
I
VCO Bias
TTL compatible input that sets the nominal frequency for the VCO by the selection of the
resistor value between this input and AVCC A30kX value for this resistor will provide nominally
125 MHz on the RXC outputs
40 Electrical Characteristics
41 ABSOLUTE MAXIMUM RATINGS
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature
b
65 Cto a150 C
TTL Signals
Inputs
55V
Outputs
55V
ECL Signals
Output Current
b
20 mA
Supplies
EXTVCC to EXTGND
b
05V to a7V
DVCC to DGND
b
05V to a7V
AVCC to AGND
b
05V to a7V
ESD Susceptibility
2000V
42 RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Units
VCC to GND
Power Supply
475
5
525
V
VIH
High Level
TTL
20
V
Input Voltage
ECL
VCC b 1165
VCC b 0880
VIL
Low Level
TTL
08
V
Input Voltage
ECL
VCC b 1810
VCC b 1475
IOH
High Level
TTL Outputs
b
04
mA
Output Current
(Note 1)
IOL
Low Level
TTL Outputs
40
mA
Output Current
(Note 1)
FVCO
VCO Frequency
250
MHz
FXTL
Crystal Frequency
10416667
MHz
TA
Operating Temperature
0
25
70
C
Note 1
TTL outputs include CLK DET and TTLSD
ECL outputs include RXCg and RXDg
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com