Electronic Components Datasheet Search
  English  ▼

X  

DP83231 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83231
Description  CRD Device (FDDI Clock Recovery Device)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83231 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP83231 Datasheet HTML 2Page - National Semiconductor (TI) DP83231 Datasheet HTML 3Page - National Semiconductor (TI) DP83231 Datasheet HTML 4Page - National Semiconductor (TI) DP83231 Datasheet HTML 5Page - National Semiconductor (TI) DP83231 Datasheet HTML 6Page - National Semiconductor (TI) DP83231 Datasheet HTML 7Page - National Semiconductor (TI) DP83231 Datasheet HTML 8Page - National Semiconductor (TI) DP83231 Datasheet HTML 9Page - National Semiconductor (TI) DP83231 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
30 Pin Descriptions
Symbol
Pin No
IO
Description
DATAa
8
I
DATAg
4B5B serial NRZI data inputs originating from a fiber optic receiver and presented for
the purpose of resynchronization and clock recovery These differential 100k ECL compatible
DATAb
9
inputs are selected when the ELB input is at a logic Low level
LBDa
25
I
Loopback Datag
4B5B serial NRZI data inputs originating from a local PLAYER device and
presented for the purpose of station diagnostics These differential 100k ECL compatible inputs
LBDb
24
are selected when the ELB input is at a logic High level
ELB
4
I
Enable Loopback
TTL compatible input which selects between the DATA g inputs or the LBD
g
inputs The LBD inputs are selected when the ELB pin is at a logic High level and the DATA
inputs when at a logic Low level
CLK DET
6
O
Clock Detect
CMOS output used to indicate that the chip has detected the presence of a
continuous data frequency greater than 30 MHz A logic High level on the output will indicate that
valid input data has been detected
CRD EN
7
I
CRD Enable
TTL compatible input which directs the differential charge pump outputs to either
operate the crystal oscillator at the center of its operating range or to track out the VCO phase
errors in the second PLL The CRD EN input will reset the CLK DET function and will force the
oscillator to the center of its operating range when at a logic LOW level and will allow normal PLL
tracking operation when at a logic High level Deassertion of the CRD EN input will momentarily
stop the VCO
OSC FLTRa
23
O
Oscillator Filterg
The differential charge pump up and down outputs which are part of the
second PLL A three element filter should be connected to each of these pins which consists of
OSC FLTRb
22
one capacitor in parallel with a resistor and another capacitor to ground These outputs are driven
to their maximum upper operating level when the CRD EN pin is at a logic LOW level or when
valid data frequencies are not recognized at the data inputs
DIF AMP
21
O
Differential Amplifier Output
The differential amplifier output associated with the second PLL
which is used to adjust the frequency of the external crystal
OUT
OSC
IN
20
I
Oscillator Input and Output
The terminals for the crystal oscillator which require connection of
the crystal tank circuit varactors and capacitors
OSC
OUT
19
RXCa
3
O
Receive Clock
Differential 100K ECL receive clock outputs which operate at 125 MHz
synchronized to the selected inputs (NRZI DATA g or LBD g) when valid line state data is
RXCb
2
present When valid line state data is not present these outputs continue to operate at a nominal
frequency of 125 MHz g12 kHz These outputs should be terminated externally with a
conventional ECL 50X equivalent load
RXDa
27
O
Receive Data
Differential 100K ECL received data outputs which provide a resynchronized
equivalent of the selected NRZI DATA or LBD inputs The received data output transitions occur
RXDb
26
concurrent with the falling edge of the RXC g output These outputs should be terminated
externally with a conventional ECL 50X equivalent load
VCO FLTR
13
O
VCO Filter
Low pass filter associated with the first PLL A three element filter should be
connected to this pin which consists of one capacitor in parallel with a resistor and another
capacitor to ground
SDa
18
I
Signal Detect
Differential inputs to a 100K ECL to TTL translator intended for conversion of the
fiber optic receiver’s ECL signal detect to TTL for a player device The inputs are used in the test
SDb
17
modes as inputs for single stepping and gating the VCO
TTLSD
5
O
TTL Signal Detect
Intended to be a signal detect output in TTL format for use by the PLAYER
chip
TEST EN
10
I
Test Enable
CMOS input which enables the test functions This input must be at a logic low level
in normal operation
DVCC
16
Digital VCC Positive power supply for most of the internal logic circuitry intended for a5V
operation g5% relative to ground Bypass capacitors should be placed as close as possible
across the DVCC and DGND pins DVCC AVCC and EXTVCC should be tied together through
chokes
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com