Electronic Components Datasheet Search
  English  ▼

X  

RAFIX16 Datasheet(PDF) 2 Page - ITT Industries

Part # RAFIX16
Description  control component range
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RAFIX16 Datasheet(HTML) 2 Page - ITT Industries

  RAFIX16 Datasheet HTML 1Page - ITT Industries RAFIX16 Datasheet HTML 2Page - ITT Industries RAFIX16 Datasheet HTML 3Page - ITT Industries RAFIX16 Datasheet HTML 4Page - ITT Industries RAFIX16 Datasheet HTML 5Page - ITT Industries RAFIX16 Datasheet HTML 6Page - ITT Industries RAFIX16 Datasheet HTML 7Page - ITT Industries RAFIX16 Datasheet HTML 8Page - ITT Industries RAFIX16 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
RAFIX 16
Stock items are marked
by bold printed order numbers.
2 - 4
Control components
2
RAFIX
16
RAFIX 16 emergency stop pushbutton
2 - 34
RAFIX 16 emergency stop pushbutton, square collar, illuminated
2 - 35
RAFIX 16 emergency stop pushbutton, square collar, dupe-proof
2 - 35
RAFIX 16 emergency stop pushbutton, round collar, illuminated
2 - 36
RAFIX 16 emergency stop pushbutton, round collar, dupe-proof
2 - 36
RAFIX 16 emergency stop pushbutton, square collar, alignable without gaps, illuminated
2 - 37
RAFIX 16 emergency stop pushbutton, square collar, alignable without gaps, dupe-proof
2 - 37
RAFIX 16 safety emergency stop pushbutton, round collar, dupe-proof, non-blocking
2 - 38
RAFIX 16 safety emergency stop pushbutton, round collar, conical, dupe-proof, non-blocking
2 - 38
RAFIX 16 toggle switch
2 - 40
RAFIX 16 toggle switch, square collar
2 - 41
RAFIX 16 toggle switch, round collar
2 - 41
RAFIX 16 toggle switch, square collar, alignable without gaps
2 - 42
RAFIX 16 potentiometer drive
2 - 44
RAFIX 16 potentiometer drive, square collar
2 - 45
RAFIX 16 potentiometer drive, round collar
2 - 45
RAFIX 16 potentiometer drive, square collar, alignable without gaps
2 - 46
RAFIX 16 buzzer
2 - 48
RAFIX 16 buzzer, square collar
2 - 49
RAFIX 16 buzzer, round collar
2 - 49
RAFIX 16 buzzer, square collar, alignable without gaps
2 - 50
RAFIX 16 signal indicator
2 - 52
RAFIX 16 signal indicator, square lens
2 - 53
RAFIX 16 signal indicator, square collar, flush lens
2 - 53
RAFIX 16 signal indicator, square collar, protruding lens
2 - 54
RAFIX 16 signal indicator, round lens
2 - 54
RAFIX 16 signal indicator, round collar, flush lens
2 - 55
RAFIX 16 signal indicator, round collar, protruding lens
2 - 55
RAFIX 16 signal indicator, square collar, alignable without gaps, flush lens
2 - 56
RAFIX 16 signal indicator, square collar, alignable without gaps, protruding lens
2 - 56
RAFIX 16 contact blocks with gold contacts
2 - 58
RAFIX 16 standard contact block, gold contacts, with lamp socket
2 - 60
RAFIX 16 standard contact block, gold contacts, without lamp socket
2 - 60
RAFIX 16 universal contact block, gold contacts, with lamp socket
2 - 61
RAFIX 16 universal contact block, gold contacts, without lamp socket
2 - 61
RAFIX 16 contact blocks with silver contacts
2 - 62
RAFIX 16 standard contact block, silver contacts, with lamp socket
2 - 64
RAFIX 16 standard contact block, silver contacts, without lamp socket
2 - 64
RAFIX 16 universal contact block, silver contacts, with lamp socket
2 - 65
RAFIX 16 universal contact block, silver contacts, without lamp socket
2 - 65
RAFIX 16 lamp socket
2 - 66
RAFIX 16 lamp socket W 2 x 4.6 d
2 - 67
RAFIX 16 lamp socket W 2 x 4.6 d
2 - 68
RAFIX 16 special accessories
2 - 70
PCB plug-in socket
2 - 70
Multipole connector
2 - 71
Female quick-connect terminal DIN 46340-B 2.8-1-MS
2 - 71
Plug distributor
2 - 72
Protection against contact
2 - 72
Protection against contact
2 - 73
Series capacitor
2 - 73
Disassembly tool
2 - 74
Protective cover, suitable for lead seal, for pushbuttons, alignable without gaps
2 - 74
Fixing spanner for hexagon nut
2 - 75
RAFIX 16 insulating housing
2 - 75
RAFIX 16 label holder, flush, for square collar
2 - 76
RAFIX 16 label holder, flush, for round collar
2 - 76
RAFIX 16 label holder, protruding, for square flush fitting collar
2 - 77
Emergency stop label, yellow, round 60 mm, PVC adhesive
2 - 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com