Electronic Components Datasheet Search
  English  ▼

X  

RAFIX16 Datasheet(PDF) 13 Page - ITT Industries

Part # RAFIX16
Description  control component range
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RAFIX16 Datasheet(HTML) 13 Page - ITT Industries

Back Button RAFIX16 Datasheet HTML 9Page - ITT Industries RAFIX16 Datasheet HTML 10Page - ITT Industries RAFIX16 Datasheet HTML 11Page - ITT Industries RAFIX16 Datasheet HTML 12Page - ITT Industries RAFIX16 Datasheet HTML 13Page - ITT Industries RAFIX16 Datasheet HTML 14Page - ITT Industries RAFIX16 Datasheet HTML 15Page - ITT Industries RAFIX16 Datasheet HTML 16Page - ITT Industries RAFIX16 Datasheet HTML 17Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
RAFIX 16
Stock items are marked
by bold printed order numbers.
Control components
2 - 15
2
RAFIX
16
RAFIX 16 pushbutton, protruding collar, round collar
Pict.: red
panel cut-out
Illuminability
Colour of lens
Order no. complete
Order no. single parts
Housing
Lens
yes
transparent colourless
1.30.070.121/1002 1.30.070.621/0000 5.49.259.017/1002
yes
transparent red
1.30.070.121/1306 1.30.070.621/0000 5.49.259.017/1306
yes
transparent yellow
1.30.070.121/1403 1.30.070.621/0000 5.49.259.017/1403
yes
transparent green
1.30.070.121/1505 1.30.070.621/0000 5.49.259.017/1505
yes
transparent blue
1.30.070.121/1607 1.30.070.621/0000 5.49.259.017/1607
no
opaque black
1.30.070.371/0100 1.30.070.871/0000 5.05.510.641/0100
no
opaque white
1.30.070.371/0200 1.30.070.871/0000 5.05.510.641/0200
no
opaque red
1.30.070.371/0300 1.30.070.871/0000 5.05.510.641/0300
no
opaque yellow
1.30.070.371/0400 1.30.070.871/0000 5.05.510.641/0400
no
opaque green
1.30.070.371/0500 1.30.070.871/0000 5.05.510.641/0500
no
opaque blue
1.30.070.371/0600 1.30.070.871/0000 5.05.510.641/0600
Technical data see page 2 - 8
The protruding collar offers protection against inadvertent operation and thereby fulfils the safety requirements of various machinery
manufacturers, particularly in the printing industry.
For the "latching" function, please use the standard contact block with "latching" function.
Legend insert, blank, use only for transparent lenses: 5.70.637.000/2000
Accessories:
16165-r200-008-D1
2/8/05
12:13 PM
Page 2 - 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com