Electronic Components Datasheet Search
  English  ▼

X  

RAFIX16 Datasheet(PDF) 12 Page - ITT Industries

Part # RAFIX16
Description  control component range
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RAFIX16 Datasheet(HTML) 12 Page - ITT Industries

Back Button RAFIX16 Datasheet HTML 8Page - ITT Industries RAFIX16 Datasheet HTML 9Page - ITT Industries RAFIX16 Datasheet HTML 10Page - ITT Industries RAFIX16 Datasheet HTML 11Page - ITT Industries RAFIX16 Datasheet HTML 12Page - ITT Industries RAFIX16 Datasheet HTML 13Page - ITT Industries RAFIX16 Datasheet HTML 14Page - ITT Industries RAFIX16 Datasheet HTML 15Page - ITT Industries RAFIX16 Datasheet HTML 16Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
Stock items are marked
by bold printed order numbers.
RAFIX 16
2 - 14
Control components
2
RAFIX
16
RAFIX 16 pushbutton, protruding lens, round collar
Pict.: red
panel cut-out
Illuminability
Colour of lens
Order no. complete
Order no. single parts
Housing
Lens
yes
transparent colourless
1.30.070.071/1002 1.30.070.571/0000 5.49.259.018/1002
yes
transparent red
1.30.070.071/1306 1.30.070.571/0000 5.49.259.018/1306
yes
transparent yellow
1.30.070.071/1403 1.30.070.571/0000 5.49.259.018/1403
yes
transparent green
1.30.070.071/1505 1.30.070.571/0000 5.49.259.018/1505
yes
transparent blue
1.30.070.071/1607 1.30.070.571/0000 5.49.259.018/1607
no
opaque black
1.30.070.321/0100
no
opaque white
1.30.070.321/0200
no
opaque red
1.30.070.321/0300
no
opaque yellow
1.30.070.321/0400
no
opaque green
1.30.070.321/0500
no
opaque blue
1.30.070.321/0600
Technical data see page 2 - 8
For the "latching" function, please use the standard contact block with "latching" function.
Legend insert, blank, use only for transparent lenses: 5.70.637.000/2000
Accessories:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com