Electronic Components Datasheet Search
  English  ▼

X  

RAFIX16 Datasheet(PDF) 3 Page - ITT Industries

Part # RAFIX16
Description  control component range
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RAFIX16 Datasheet(HTML) 3 Page - ITT Industries

  RAFIX16 Datasheet HTML 1Page - ITT Industries RAFIX16 Datasheet HTML 2Page - ITT Industries RAFIX16 Datasheet HTML 3Page - ITT Industries RAFIX16 Datasheet HTML 4Page - ITT Industries RAFIX16 Datasheet HTML 5Page - ITT Industries RAFIX16 Datasheet HTML 6Page - ITT Industries RAFIX16 Datasheet HTML 7Page - ITT Industries RAFIX16 Datasheet HTML 8Page - ITT Industries RAFIX16 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
Control Components
2 - 5
2
RAFIX
16
RAFIX 16 is a complete control component series for a mounting hole diameter of 16.2 mm. It enables you to design
attractive control panels with a minimum of space requirements and at the same time sufficiently large actuating areas.
Actuators
– Mounting hole ø 16.2 mm to DIN EN 50 007
Contact blocks
– Standard (for actuators with one-way operation)
• with latching mechanism (latching switch)
• without latching mechanism (momentary switch)
– Universal (for actuators with two-way operation, e. g.
selector switches)
• without latching mechanism
Contact material
– Silver contacts for mains voltage
– Gold contacts for electronic circuits
Illumination
- Wedge base lamp W 2 x 4.6 d
Assembly
– Single-handed cost-effectiv assembly method
– Panel thickness 0.5 … 5 mm
– Fixing with hexagon nut
– Starting torque 1.2 Nm max.
Shock-resistance according to IEC 600 68-2-27
– Shock amplitude:
≤ 50 g
– Shock time: 11 ms
– Shock type: half sinusoidal
Environment conditions
– Constant environment: acc. to IEC 600 68-2-3 and 2-30
– Variable environment: acc. to IEC 600 68-2-14 and 2-33
Temperature range
– Operating temperature:
non-illuminated: - 25 … + 70 ° C
illuminated: - 25 … + 55° C
– Storage temperature: - 40 … + 85° C
General information
– Locating lug (easily removable).
The locating lug can be easily removed using a screw-
driver.
– Degree of protection IP 65 on panel.
This is achieved by a reliable, tried and tested special
seal.
– Grid spacing 25 x 25 mm
– Low-profile design, 7 mm height from front panel
– Three collar shapes, in black
• Square 25 x 25 mm
• Round 25 mm
• Square 25 x 25 mm, alignable in flush fitting rows,
which avoids accumulation of dirt between the collars.
RAFIX 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com