Electronic Components Datasheet Search
  English  ▼

X  

RAFIX16 Datasheet(PDF) 21 Page - ITT Industries

Part # RAFIX16
Description  control component range
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RAFIX16 Datasheet(HTML) 21 Page - ITT Industries

Back Button RAFIX16 Datasheet HTML 17Page - ITT Industries RAFIX16 Datasheet HTML 18Page - ITT Industries RAFIX16 Datasheet HTML 19Page - ITT Industries RAFIX16 Datasheet HTML 20Page - ITT Industries RAFIX16 Datasheet HTML 21Page - ITT Industries RAFIX16 Datasheet HTML 22Page - ITT Industries RAFIX16 Datasheet HTML 23Page - ITT Industries RAFIX16 Datasheet HTML 24Page - ITT Industries RAFIX16 Datasheet HTML 25Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
Stock items are marked
by bold printed order numbers.
RAFIX 16
2 - 24
Control components
2
RAFIX
16
RAFIX 16 keylock switch MICROMEC, round collar
Panel cut-out
Contact function
Rotating angle
Key removal position
Order no. complete
momentary
1 x 40°
0
1.30.076.521/0000
momentary
2 x 40°
0
1.30.076.721/0000
latching
L, 1 x 90°
0
1.30.076.021/0000
latching
L, 1 x 90°
0+1
1.30.076.071/0000
latching
V, 1 x 90°
0
1.30.076.121/0000
latching
V, 1 x 90°
0+1
1.30.076.171/0000
latching
2 x 90°
0
1.30.076.321/0000
latching
2 x 90°
0+1+2
1.30.076.421/0000
latching 1 x 90° and
momentary 1 x 40°
latching 1 x 90°/
momentary 1 x 40°
2
1.30.076.921/0000
2
0
Technical data see page 2 - 22
Only use contact blocks with "momentary" contact function. For versions with clockwise and counterclockwise rotation, use universal
contact block only.
Included: 2 keys.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com