Electronic Components Datasheet Search
  English  ▼

X  

RAFIX16 Datasheet(PDF) 39 Page - ITT Industries

Part # RAFIX16
Description  control component range
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RAFIX16 Datasheet(HTML) 39 Page - ITT Industries

Back Button RAFIX16 Datasheet HTML 35Page - ITT Industries RAFIX16 Datasheet HTML 36Page - ITT Industries RAFIX16 Datasheet HTML 37Page - ITT Industries RAFIX16 Datasheet HTML 38Page - ITT Industries RAFIX16 Datasheet HTML 39Page - ITT Industries RAFIX16 Datasheet HTML 40Page - ITT Industries RAFIX16 Datasheet HTML 41Page - ITT Industries RAFIX16 Datasheet HTML 42Page - ITT Industries RAFIX16 Datasheet HTML 43Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
Stock items are marked
by bold printed order numbers.
Control components
2 - 45
2
RAFIX
16
RAFIX 16
RAFIX 16 potentiometer drive, square collar
Pict.: with potentiometer (not included)
Einbauöffung
Form of lens
Form of collar
Colour of handle
Order no. complete
handle
square
black
1.30.077.001/0000
Technical data see page 2 - 44
To operate potentiometers with a shaft diameter of 6 mm.
Suitable for potentiometers to DIN 41 450 with a shaft length of 32 mm.
Potentiometer not included.
RAFIX 16 potentiometer drive, round collar
Pict.: with potentiometer (not included)
Einbauöffung
Form of lens
Form of collar
Colour of handle
Order no. complete
handle
round
black
1.30.077.021/0000
Technical data see page 2 - 44
To operate potentiometers with a shaft diameter of 6 mm.
Suitable for potentiometers to DIN 41 450 with a shaft length of 32 mm.
Potentiometer not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com