Electronic Components Datasheet Search
  English  ▼

X  

DP83222 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83222
Description  CYCLONE Twisted Pair FDDI Stream Cipher Device
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83222 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP83222 Datasheet HTML 2Page - National Semiconductor (TI) DP83222 Datasheet HTML 3Page - National Semiconductor (TI) DP83222 Datasheet HTML 4Page - National Semiconductor (TI) DP83222 Datasheet HTML 5Page - National Semiconductor (TI) DP83222 Datasheet HTML 6Page - National Semiconductor (TI) DP83222 Datasheet HTML 7Page - National Semiconductor (TI) DP83222 Datasheet HTML 8Page - National Semiconductor (TI) DP83222 Datasheet HTML 9Page - National Semiconductor (TI) DP83222 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
30 Pin Definitions and Connection Diagrams (Continued)
TLF11885 – 5
TLF11885 – 6
FIGURE 6 System Connection Diagrams
TXDg (18 17)
Differential 100K ECL data inputs This
is the NRZ or NRZI transmit data origi-
nating from the DP832515 Physical
Layer
Devices
(PLAYERTM)
the
DP832567VF or the DP83256VF-AP
Enhanced
Physical
Layer
Devices
(PLAYERa)
TXCg (13 14)
Differential 100K ECL clock inputs
This is the transmit clock generated by
the
National
Semiconductor
Clock
Distribution
Device
(CDDTM)
the
DP83257
or
the
DP83256VF-AP
Enhanced
Physical
Layer
Devices
(PLAYERa)
SCOg (19 20)
Differential 100K ECL data outputs
These outputs present the scrambled
transmit data to the PMD transmitter
DSCOg (27 26)
Differential 100K ECL outputs These
outputs present the descrambled data
back to the National Semiconductor
DP8325155 PLAYER the DP83256
7VF
or
DP83256VF-AP
devices
(PLAYERa)
RXCOg (24 25)
Differential 100K ECL clock outputs
These outputs supply a time aligned
version of RXCg (insuring proper set
and hold times relative to DSCOg)
to
the
National
Semiconductor
DP8325155 PLAYER the DP83256
7VF
or
DP83256VF-AP
devices
(PLAYERa) for clocking-in the final
descrambled data stream DSCOg
ENC0 1 (9 8)
TTL compatible inputs
These pins
work in conjunction with one another
to select different encoding schemes
or to place the DP83222 device into
transparent mode where no scram-
bling or encoding occurs Refer to Ta-
ble II for details of operation
CD (10)
TTL compatible input data This input
accepts the CD (Clock Detect) signal
from the receive Clock Recovery cir-
cuit if available If CD goes to a logic
low level due to insufficient data edg-
es for clock recovery the Stream Ci-
pher will switch to Sample mode in or-
der to restart the synchronization pro-
cess
SD (12)
Single-ended ECL data input This in-
put accepts the SDa signal from the
PMD If SD goes to a logic low level
due to loss of signal from the media
the DP83222 will switch to Sample
mode in order to restart the synchroni-
zation process
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com