Electronic Components Datasheet Search
  English  ▼

X  

DP83222 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83222
Description  CYCLONE Twisted Pair FDDI Stream Cipher Device
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83222 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DP83222 Datasheet HTML 4Page - National Semiconductor (TI) DP83222 Datasheet HTML 5Page - National Semiconductor (TI) DP83222 Datasheet HTML 6Page - National Semiconductor (TI) DP83222 Datasheet HTML 7Page - National Semiconductor (TI) DP83222 Datasheet HTML 8Page - National Semiconductor (TI) DP83222 Datasheet HTML 9Page - National Semiconductor (TI) DP83222 Datasheet HTML 10Page - National Semiconductor (TI) DP83222 Datasheet HTML 11Page - National Semiconductor (TI) DP83222 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TABLE III Clock Detect and Signal Detect
CD
SD
Stream-Cipher Logic
0
0
Sample Mode
0
1
Sample Mode
1
0
Sample Mode
11
Stream Cipher Initialization
Stream-Cipher Initialization refers to the algorithm employed by the Stream Cipher logic which by
processing the encoded datastream ultimately enters the Hold state allowing for synchronized
descrambling
TLF11885 – 14
All ECL signals require a standard ECL termination of 50X to VCC b 2V or equivalent for proper functionality
FIGURE 14 Typical Schematic for TP-PMD Application
Contact National Semiconductor for
further information relating to PMD
Transceiver availability
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com