Electronic Components Datasheet Search
  English  ▼

X  

KPT Datasheet(PDF) 18 Page - ITT Industries

Part # KPT
Description  General purpose solder contact connectors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KPT Datasheet(HTML) 18 Page - ITT Industries

Back Button KPT Datasheet HTML 14Page - ITT Industries KPT Datasheet HTML 15Page - ITT Industries KPT Datasheet HTML 16Page - ITT Industries KPT Datasheet HTML 17Page - ITT Industries KPT Datasheet HTML 18Page - ITT Industries KPT Datasheet HTML 19Page - ITT Industries KPT Datasheet HTML 20Page - ITT Industries KPT Datasheet HTML 21Page - ITT Industries KPT Datasheet HTML 22Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
KPT/KPSE
Miniature circular connectors
18
Subject to changes
Without termination assemblies
KPT/KPSE
KPT
Shell
G
J
L
Q
Z
size*
max.
±0,15
max.
Thread Type 2A
max.
x
8
19,8
9,1
21,4
7/16-28UNEF
16,3
10
23,6
9,1
21,4
9/16-24UNEF
16,3
12
26,5
9,1
21,4
11/16-24UNEF
16,3
14
30,1
9,1
21,4
13/16-20UNEF
16,3
16
33,2
9,1
21,4
15/16-20UNEF
16,3
18
35,4
9,1
21,4
1- 1/16-18UNEF
16,3
20
39,0
10,7
25,1
1- 3/16-18UNEF
15,0
22
42,1
10,7
25,1
1- 5/16-18UNEF
15,0
24
45,2
10,7
25,1
1- 7/16-18UNEF
15,0
Typ A or E
Type B or F
Typ A and E
Type B and F
Shell
B
AE
L
AE
D
AE
VB
BF
D
BF
L
BF
size*
max.
max.
max.
Thread Type 2A
max.
max.
max.
x
8
15,6
36,1
20,9
1/2-28UNEF
15,6
31,4
36,1
10
18,9
38,3
21,7
5/8-24UNEF
18,9
32,2
38,3
12
21,2
40,9
23,3
3/4-20UNEF
21,2
35,4
40,9
14
24,8
41,6
24,9
7/8-20UNEF
24,8
38,6
41,6
16
27,7
42,5
26,5
1 -20UNEF
27,7
40,2
42,5
18
31,4
44,7
28,1
1-3/16-18UNEF
31,4
41,8
44,7
20
34,7
48,3
29,6
1-3/16-18UNEF
34,7
43,4
48,3
22
36,9
52,1
31,7
1-7/16-18UNEF
36,9
47,9
52,1
24
41,1
52,1
33,6
1-7/16-18UNEF
41,1
49,9
52,1
* See page 5, 7 and 8 for ordering number information
x
in series KPSE only contact arrangements 8-3A and 8-33 available
Right angle plug, 90
°
KPT08 KPSE08
Solder
KPT08
Crimp
KPSE08
* See page 5, 7 and 8 for ordering number information
x
in series KPSE only contact arrangements 8-3A and 8-33 available
With termination assemblies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com