Electronic Components Datasheet Search
  English  ▼

X  

KPT Datasheet(PDF) 22 Page - ITT Industries

Part # KPT
Description  General purpose solder contact connectors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KPT Datasheet(HTML) 22 Page - ITT Industries

Back Button KPT Datasheet HTML 18Page - ITT Industries KPT Datasheet HTML 19Page - ITT Industries KPT Datasheet HTML 20Page - ITT Industries KPT Datasheet HTML 21Page - ITT Industries KPT Datasheet HTML 22Page - ITT Industries KPT Datasheet HTML 23Page - ITT Industries KPT Datasheet HTML 24Page - ITT Industries KPT Datasheet HTML 25Page - ITT Industries KPT Datasheet HTML 26Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
KPT/KPSE
Miniature circular connectors
22
Subject to changes
Series
KPT – ITT Cannon designation
Shell type
ITT Cannon designation
2 – box mounting receptacle (only class E),
not layout 14 A 4
7 – jam nut receptacle
(hermetic version also available)
Class
A – general duty (shell type 7 only)
E – with grommet seal, not for 02 and
3112 (MS-Spezification), only shell type 2
Shell size
8, 10, 12, 14, 16, 18, 20, 22 und 24
Contact arrangements
see page 9 – 11
Contact type
P – pin
S – socket
Alternate insert position
W, X, Y and Z (omit for normal position)
see page 12
Modification
EW – solder pin 0,6 x 7 mm
EX – solder pin 0,76 x 7 mm
How to order
KPT 2 E 22 - 36
P W *
Receptacles with straight solder pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com