Electronic Components Datasheet Search
  English  ▼

X  

KPT Datasheet(PDF) 28 Page - ITT Industries

Part # KPT
Description  General purpose solder contact connectors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KPT Datasheet(HTML) 28 Page - ITT Industries

Back Button KPT Datasheet HTML 23Page - ITT Industries KPT Datasheet HTML 24Page - ITT Industries KPT Datasheet HTML 25Page - ITT Industries KPT Datasheet HTML 26Page - ITT Industries KPT Datasheet HTML 27Page - ITT Industries KPT Datasheet HTML 28Page - ITT Industries KPT Datasheet HTML 29Page - ITT Industries KPT Datasheet HTML 30Page - ITT Industries KPT Datasheet HTML 31Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
KPT/KPSE
Miniature circular connectors
28
Subject to changes
Contact
Cable size
Strip
size
mm2 (AWG)
insulation
20
0,93-0,21 (20-24)
5,0 mm
16
1,91-0,60 (16-20)
6,5 mm
12
3,18-1,91 (12-14)
6,5 mm
14A4 Coax
RG179B/u
Contact insertion
5. Remove hardware from plug and receptacle. Slide
hardware over wire bundle in proper order for re-
assembly.
6. Use the proper contact insertion tool, and slide the
tool over the terminal end of the contact. The size 16
contact lies in the tool and the tool tip butts against the
contact shoulder. The rear, or insulation support, of the
size 20 contact butts against an internal shoulder in
the tool tip.
4. Release crimped contact and wire from tool. Be
certain the wire is visible thru inspection hole in contact.
7. Beginning from center cavity and working outwards,
insert wired contacts into rear of connector by hand
until the front of the contact shoulder is no more than
1/8" from the grommet. Holding the connector securely,
position tool behind contact. Push tool straight into
contact cavity until contact snaps into position. A light
pull on wire will assure that contact is locked securely.
Repeat for remaining contacts.
Contact extraction
10. Slide hardware back over wire bundle. Using pro-
per extraction tool or extraction end of proper insertion/
extraction tool, proceed as follows:
8. Use wire hole fillers or grommet sealing plugs to fill
any empty cavities and assemble hardware to rear of
plug or receptacle.
11. Use the proper extraction tool. There are two lines
on the clip sleeve which are vital to the contact rem-
oval process. The first index line is used for removing
Completion
9. Check face of plug or receptacle for proper contact
installation.
Crimping contacts
1. Strip wires according to the table above taking care
not to cut or nick strands.
2. Insert stripped wire into contact crimp pot. Wire must
be visible thru inspection hole.
3. Using correct crimp tool and locator, cycle the tool
once to be sure the indentors are open. Insert contact
and wire into locator. Squeeze tool handles firmly and
completely to insure a proper crimp. The tool will not
release unless the crimp indentors in the tool head
have been fully actuated.
pin contacts while the second index line is for removing
socket contacts. Carefully place the tool tip over the
contact to be extracted until the tool tip touches the
insulator face. Carefully rotate the tool until the index
line is slightly below the insulator face. Keep an even
pressure against tool body; push plunger forward with
thumb and index finger; and push the contact out
through the clip. Carefully remove extraction tool from
connector. Pull the wire by hand to complete the rem-
oval of the contact.
Please ask for our detailed
Assembly Instruction
Assembly Instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com