Electronic Components Datasheet Search
  English  ▼

X  

KPT Datasheet(PDF) 26 Page - ITT Industries

Part # KPT
Description  General purpose solder contact connectors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KPT Datasheet(HTML) 26 Page - ITT Industries

Back Button KPT Datasheet HTML 22Page - ITT Industries KPT Datasheet HTML 23Page - ITT Industries KPT Datasheet HTML 24Page - ITT Industries KPT Datasheet HTML 25Page - ITT Industries KPT Datasheet HTML 26Page - ITT Industries KPT Datasheet HTML 27Page - ITT Industries KPT Datasheet HTML 28Page - ITT Industries KPT Datasheet HTML 29Page - ITT Industries KPT Datasheet HTML 30Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
KPT/KPSE
Miniature circular connectors
26
Subject to changes
How to order
Series
KPT80 – for plug
KPT81 – for receptacle
Shell size
8 – 24
Termination
D – Preferred type: with nylon cord and end link
clip and end link attached
C – sash chain
N – sash chain with ring (81 or 3181 only)
Modification
A34 – nickel plated
without code = A66 – oliv drab chromate over cadmium
VG95328 - Z2 C 10
VG Specification
Style
Z1 – for receptacle
Z2 – for plug
Termination
C – with nylon cord and end link
clip and end link attached
Shell size
8 – 24
Shell
A
L1
B
L2
H
N
size
max
max.
max.
max.
8
18,26
19,84
18,0
21,44
76
14,7
10
21,44
19,84
20,3
21,44
76
17,9
12
25,40
19,84
25,1
21,44
89
22,6
14
28,58
19,84
28,2
21,44
89
25,8
16
31,75
19,84
31.5
21,44
89
29,0
18
34,92
19,84
34,5
21,44
89
32,2
20
38,10
21,44
37,8
21,44
101
35,3
22
41,28
21,44
40,9
21,44
101
38,5
24
44,45
22,22
44,2
22,22
101
41,7
KPT80 - 10 D - A34
MS3180 - 10
Protective caps
Material and finishes
Protective cap
Aluminum alloy
Sash chain
Stainless steel
Cord
Polyamide
Ring
Stainless steel
Clip
Aluminum alloy
Gasket
Fluor Silicone
Endlink / rivet
Stainless steel, passivated
Bayonet pin
Stainless steel, passivated
Finishes
A34
Nickel
A66
Olive drab chromate over cadmium
80 / 3180 – for plugs
cap with nylon cord D / preferred type
81 / 3181 – for receptacles
cap with nylon cord D / preferred type
80 / 3180 – for plugs
cap with sash chain C or N
81 / 3181 – for receptacles
cap with sash chain C or N
Crimp tool for clips upon request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com