Electronic Components Datasheet Search
  English  ▼

X  

KPT Datasheet(PDF) 17 Page - ITT Industries

Part # KPT
Description  General purpose solder contact connectors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KPT Datasheet(HTML) 17 Page - ITT Industries

Back Button KPT Datasheet HTML 13Page - ITT Industries KPT Datasheet HTML 14Page - ITT Industries KPT Datasheet HTML 15Page - ITT Industries KPT Datasheet HTML 16Page - ITT Industries KPT Datasheet HTML 17Page - ITT Industries KPT Datasheet HTML 18Page - ITT Industries KPT Datasheet HTML 19Page - ITT Industries KPT Datasheet HTML 20Page - ITT Industries KPT Datasheet HTML 21Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
17
KPT/KPSE
Miniature circular connectors
Without termination assemblies
KPT/KPSE
KPT
Shell
A
F
H
K
M
R
S
T Panel thickness
Ø Y
Z
size*
+0,03 -0,13
±0,15
±0,15
±0,25
±0,15
Thread Type 2A
±0,5
min.
max.
max.
max.
x
8
12,0
13,3
19,0
3,2
17,7
9/16-24UNEF
24,0
1,6
3,5
28,0
7,9
10
15,0
16,5
22,2
3,2
17,7
11/16-24UNEF
27,0
1,6
3,5
31,0
7,9
12
19,05
20,6
27,0
3,2
17,7
7/8-20UNEF
32,0
1,6
3,5
36,0
7,9
14
22,23
23,8
30,2
3,2
17,7
1 -20UNEF
35,0
1,6
3,5
39,0
7,9
16
25,40
26,9
33,3
3,2
17,7
1- 1/8-18UNEF
38,5
1,6
3,5
42,0
7,9
18
28,58
30,1
36,5
3,2
17,7
1- 1/4-18UNEF
41,5
1,6
3,5
45,0
7,9
20
31,75
33,3
39,7
4,0
22,5
1- 3/8-18UNEF
46,0
1,6
6,5
50,0
4,7
22
34,93
36,5
42,9
4,0
22,5
1- 1/2-18UNEF
49,5
1,6
6,5
55,0
4,7
24
38,10
39,6
46,0
4,0
23,3
1- 5/8-18UNEF
52,5
1,6
6,5
57,0
3,8
Jam nut receptacle
KPT07/MS3114 KPSE07/MS3124
Type B and F
Type E
Type DN
Shell
B
BF
D
BF
G
BF
H
BF
L
BF
B
E
L
E
L
1
L
2
D
2
size*
max.
min.
min.
max.
max.
max.
max.
max.
±0,5
max.
x
8
18,2
6,0
2,9
19,3
44,9
18,2
33,5
43,0
12,2
15,6
10
21,5
7,5
4,5
20,8
44,9
21,5
33,5
43,0
12,2
18,4
12
24,6
10,7
7,7
24,2
44,9
24,6
33,5
43,0
12,2
23,7
14
27,8
13,9
9,3
27,2
44,9
27,8
33,5
43,0
12,2
24,7
16
31,0
15,5
12,4
28,7
48,4
31,0
33,5
45,5
14,5
29,8
18
34,1
19,6
15,6
35,3
48,4
34,1
33,5
45,5
14,5
32,0
20
38,1
19,6
15,6
35,3
50,3
38,1
39,0
52,6
15,8
36,1
22
41,3
23,6
18,8
39,8
50,3
41,3
39,0
52,6
15,8
28,5
24
44,5
25,2
20,1
43,2
50,3
44,5
39,0
51,6
14,9
41,6
* See page 5, 7 and 8 for ordering number information
x
in series KPSE only contact arrangements 8-3A and 8-33 available
With termination assemblies
Type B or F
Type E
Modification
DN or F 185
Solder
KPT07/MS3114 Type A
Crimp
KPSE07/MS3124
* See page 5, 7 and 8 for ordering number information
x
in series KPSE only contact arrangements 8-3A and 8-33 available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com