Electronic Components Datasheet Search
  English  ▼

X  

KPT Datasheet(PDF) 23 Page - ITT Industries

Part # KPT
Description  General purpose solder contact connectors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KPT Datasheet(HTML) 23 Page - ITT Industries

Back Button KPT Datasheet HTML 19Page - ITT Industries KPT Datasheet HTML 20Page - ITT Industries KPT Datasheet HTML 21Page - ITT Industries KPT Datasheet HTML 22Page - ITT Industries KPT Datasheet HTML 23Page - ITT Industries KPT Datasheet HTML 24Page - ITT Industries KPT Datasheet HTML 25Page - ITT Industries KPT Datasheet HTML 26Page - ITT Industries KPT Datasheet HTML 27Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
23
KPT/KPSE
Miniature circular connectors
Box mounting receptacle
KPT 2* P/S** .***
Jam nut receptacle
KPT 7* P/S** .***
Shell
A
K
L
M
N
R
S
Ø T
size
+0,03 -0,13
±0,25
max.
±0,15
max.
±0,15
max.
±0,15
8
12,00
13,50
21,1
11,60
11,10
15,10
21,00
3,05
10
15,00
13,50
21,1
11,60
14,30
18,30
24,20
3,05
12
19,05
13,50
21,1
11,60
17,50
20,60
26,60
3,05
14
22,23
13,50
21,1
11,60
20,60
23,00
29,00
3,05
16
25,40
13,50
21,1
11,60
23,80
24,60
31,30
3,05
18
28,58
13,50
21,1
11,60
27,00
27,00
33,70
3,05
20
31,75
16,50
22,7
14,25
30,20
29,40
36,90
3,05
22
34,93
16,50
22,7
14,25
33,40
31,70
40,10
3,05
24
38,10
17,30
22,7
15,10
36,50
34,90
43,30
3,75
Order ref. see page 22
Shell
A
F
H
K
M
R
S
Panel thickness
Y
size*
+0,03 -0,13
±0,15
±0,15
±0,25
±0,15
Thread Type 2 A
±0,5
min.
max.
8
12,00
13,3
19,0
3,2
17,7
9/16-24UNEF
24,0
1,6
28,0
10
15,00
16,5
22,2
3,2
17,7
11/16-24UNEF
27,0
1,6
31,0
12
19,05
20,6
27,0
3,2
17,7
7/8-20UNEF
32,0
1,6
36,0
14
22,23
23,8
30,2
3,2
17,7
1- 20UNEF
35,0
1,6
39,0
16
25,40
26,9
33,3
3,2
17,7
1- 1/8-18UNEF
38,5
1,6
42,0
18
28,58
30,1
36,5
3,2
17,7
1- 1/4-18UNEF
41,5
1,6
45,0
20
31,75
33,3
39,7
4,0
22,5
1- 3/8-18UNEF
46,0
1,6
50,0
22
34,93
36,5
42,9
4,0
22,5
1- 1/2-18UNEF
49,5
1,6
55,0
24
38,10
39,6
46,0
4,0
23,3
1- 5/8-18UNEF
52,5
1,6
57,0
Order ref. see page 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com