Electronic Components Datasheet Search
  English  ▼

X  

GL3590 Datasheet(PDF) 36 Page - GENESYS LOGIC

Part # GL3590
Description  USB 3.1 Gen 2 Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3590 Datasheet(HTML) 36 Page - GENESYS LOGIC

Back Button GL3590 Datasheet HTML 32Page - GENESYS LOGIC GL3590 Datasheet HTML 33Page - GENESYS LOGIC GL3590 Datasheet HTML 34Page - GENESYS LOGIC GL3590 Datasheet HTML 35Page - GENESYS LOGIC GL3590 Datasheet HTML 36Page - GENESYS LOGIC GL3590 Datasheet HTML 37Page - GENESYS LOGIC GL3590 Datasheet HTML 38Page - GENESYS LOGIC GL3590 Datasheet HTML 39Page - GENESYS LOGIC GL3590 Datasheet HTML 40Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
GL3590 Datasheet
© 2020 Genesys Logic, Inc. - All rights reserved.
Page 36
GLI Confidential
AMBER/GREEN
Inside GL3590
On PCB
DGND
LED
Figure 4.10 - LED Connection
4.4.5 Power Switch Enable Polarity
Both low/high-active power switches are supported by firmware configuration.
4.4.6 Port Configuration
Each specific downstream port can be disabled individually by firmware, SMBus or vendor command, which
extends the flexibility for PCB design and fits more applications.
In GL3590-S series of Hub, multiple upstream ports are also allowed for special applications. For further
usage information, please contact Genesys FAE or sales team.
4.4.7 Non-removable Port Setting
For compound applications or embedded systems, downstream ports that always connect inside the system
can be set as non-removable by firmware configuration, EEPROM, and pin strapping. Please refer to
Genesys USB3.1 Hub FW ISP Tool User Guide for the detailed setting information.
4.4.8 SMBUS Mode (SMBUS Slave Address=0x25)
GL3590 enters SMBUS mode since Power-On occurs, and RESET# pin is asserted as well. After that,
GL3590 will define OVCUR3J as SMC and OVCUR4J as SMD. GL3590 will exit the SMBUS mode since
the RESET# pin is de-asserted. The more complicated settings such as PID, VID, power saving, port number,
port non/removable, and downstream port electrical tuning can be configured by SMBUS.
Figure 4.11 - SMBus Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com