Electronic Components Datasheet Search
  English  ▼

X  

GL3590 Datasheet(PDF) 41 Page - GENESYS LOGIC

Part # GL3590
Description  USB 3.1 Gen 2 Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3590 Datasheet(HTML) 41 Page - GENESYS LOGIC

Back Button GL3590 Datasheet HTML 37Page - GENESYS LOGIC GL3590 Datasheet HTML 38Page - GENESYS LOGIC GL3590 Datasheet HTML 39Page - GENESYS LOGIC GL3590 Datasheet HTML 40Page - GENESYS LOGIC GL3590 Datasheet HTML 41Page - GENESYS LOGIC GL3590 Datasheet HTML 42Page - GENESYS LOGIC GL3590 Datasheet HTML 43Page - GENESYS LOGIC GL3590 Datasheet HTML 44Page - GENESYS LOGIC GL3590 Datasheet HTML 45Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
GL3590 Datasheet
© 2020 Genesys Logic, Inc. - All rights reserved.
Page 41
GLI Confidential
6.3 DC Characteristics
6.3.1 DC Characteristics except USB Signals
Table 6.3- DC Characteristics except USB Signals
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Power Supply Voltage
3
3.3
3.6
V
VIL
LOW level input voltage
-0.3
-
0.8
V
VIH
HIGH level input voltage
2
-
5.5
V
VTLH
Schmitt trigger PAD*-LOW to HIGH threshold voltage
1.61
1.69
1.77
V
VTHL
Schmitt trigger PAD*- HIGH to LOW threshold voltage
1.18
1.27
1.35
V
VOL
LOW level output voltage when IOL=8mA
-
-
0.4
V
VOH
HIGH level output voltage when IOH=8mA
2.4
-
-
V
IOLK
Leakage current for pads with internal pull up or pull
down resistor
-
-
30
A
RDN
Pad internal pull down resister
232
378
647
KΩ
RUP
Pad internal pull up resister
276
435
718
KΩ
* Schmitt trigger pads are VBUS, RESET
6.3.2 USB 2.0 Interface DC Characteristics
GL3590 conforms to DC characteristics for Universal Serial Bus specification rev. 2.0. Please refer to the
specification for more information.
6.3.3 USB 3.1 Interface DC Characteristics
GL3590 conforms to DC characteristics for Universal Serial Bus 3.1 specification. Please refer to the
specification for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com