Electronic Components Datasheet Search
  English  ▼

X  

GL3590 Datasheet(PDF) 11 Page - GENESYS LOGIC

Part # GL3590
Description  USB 3.1 Gen 2 Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3590 Datasheet(HTML) 11 Page - GENESYS LOGIC

Back Button GL3590 Datasheet HTML 7Page - GENESYS LOGIC GL3590 Datasheet HTML 8Page - GENESYS LOGIC GL3590 Datasheet HTML 9Page - GENESYS LOGIC GL3590 Datasheet HTML 10Page - GENESYS LOGIC GL3590 Datasheet HTML 11Page - GENESYS LOGIC GL3590 Datasheet HTML 12Page - GENESYS LOGIC GL3590 Datasheet HTML 13Page - GENESYS LOGIC GL3590 Datasheet HTML 14Page - GENESYS LOGIC GL3590 Datasheet HTML 15Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
GL3590 Datasheet
© 2020 Genesys Logic, Inc. - All rights reserved.
Page 11
GLI Confidential
3.2 GL3590-S Pin-out Diagram
4
5
6
7
8
9
10
11
12
13
14
15
M
L
K
J
H
G
F
E
D
C
B
A
P_SPI_
DI
GND
GND
GND
GND
GND
GND
GND
GND
GND
VBUS
VP10_
DIG
P_SPI_
CZ
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
VP10_ME
M_B
C_ISEN
SE
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
Z_ISEN
SE
GND
GND
GND
GND
GND
GND
GND
GND
GND
NC
NC
AVDD10
GND
GND
GND
GND
GND
GND
GND
GND
GND
VP33
VP33
VP10_
DIG
GND
GND
GND
GND
GND
GND
GND
GND
GND
RTER
M
CHIPE
N
X_VCD
R
GND
GND
GND
GND
GND
GND
GND
GND
GND A_FBD
W_FB
D
VP10
GND
GND
GND
GND
GND
GND
GND
GND
GND
V_ISE
NSE
W_ISE
NSE
PGANG VP10
VP10
VP10
VP10
VP10
VP10
VP10
VP10
PGREE
N_C
Y_ISE
NSE
A_ISE
NSE
VP33_
DIG
TOD2
PAMB
ER_C
PWRE
NJ_C
OVCU
RJ_C
VP33_
U2
PWRE
NJ_Y
OVCU
RJ_Y
VP33_
U2
VP33_
U2
VP33_
U2
PAMB
ER_Z
RXP1_
Y
DM_Y
RXP2_
Y
TXP2_
Y
DM_A
TXN1_
A
RXP1_
A
PGREE
N_Y
TXN1_
X
RXN1
_X
DM_X
RXP2_
X
RXN1
_Y
DP_Y
RXN2
_Y
TXN2_
Y
DP_A
TXP1_
A
RXN1
_A
PAMB
ER_Y
TXP1_
X
RXP1_
X
DP_X
RXN2_
X
R
P
N
PAMBE
R_B
PGREE
N_W
PAMB
ER_W
VP33_
U2
VP33_
U2
VP33_
U2
VP33_
U2
VP33_
U2
VP33_
U2
OVCU
RJ_D
PGREE
N_D
PAMB
ER_D
OVCUR
J_W
PWRE
NJ_W
VP10
VP10
VP10
VP10
VP10
VP10
VP10
VP10
PWRE
NJ_D
VP33_
DIG
P_SPI_
DO
GND
GND
GND
GND
GND
GND
GND
GND
GND RESETJ
VP10_ME
M_A
VP5_C
C_D
GPIO_
06
VP33_
DIG
VP5_C
C_D
VP10_
DIG
VP10_ME
M_A
CC2_
W
CC1_
W
B_ISEN
SE
CC1_V CC2_V
X_ISE
NSE
AVDD
33
CC2_Y CC1_Y
X2
CC1_X CC2_X
X1
PSELF TOD1
VP5_C
C_U
VP33_
DIG
VP10
VP5_C
C_U
OVCU
RJ_Z
PGREE
N_Z
PWRE
NJ_Z
PAMB
ER_X
PGREE
N_X
TXP2_
X
DP_Z
PWRE
NJ_X
TXN2_
X
DM_Z
OVCU
RJ_X
GPIO_
03
OVCU
RJ_B
PGREE
N_B
GPIO_
02
GPIO_
08
PWRE
NJ_B
GPIO_
01
GPIO_
07
P_SPI
_CK
1
2
3
16
17
TXN1_
Y
GPIO_
12
T
U
TXP1_
Y
GPIO_
13
GPIO_
14
GPIO_
09
GPIO_
15
GPIO_
10
GPIO_
11
GPIO_
16
VP10_ME
M_B
VP33
VP33
VP10_
DIG
VP33
VP33
NC
NC
GND
GND
VP10_
PHY
VP10_
PHY
VP10_
PHY
VP10_
PHY
VP12
VP12
VP12
VP12
PGREE
N_A
PAMB
ER_A
RXP1_
W
DM_
W
RXP2_
W
TXP2_
W
TXP1_
B
RXP1_
B
DM_B
TXN1_
V
RXN1
_V
DP_V
RXP2_
V
TXP2_
V
GPIO_
04
DM_C
TXP1_
W
PWRE
NJ_A
DP_D
RXN1_
W
DP_W
RXN2
_W
TXN2_
W
TXN1_
B
RXN1
_B
DP_B
TXP1_
V
RXP1_
V
DM_V
RXN2
_V
TXN2_
V
GPIO_
05
DP_C
TXN1_
W
OVCU
RJ_A
DM_D
Figure 3.2 - GL3590-S BGA 289 Pin-out Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com