Electronic Components Datasheet Search
  English  ▼

X  

GL3590 Datasheet(PDF) 24 Page - GENESYS LOGIC

Part # GL3590
Description  USB 3.1 Gen 2 Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3590 Datasheet(HTML) 24 Page - GENESYS LOGIC

Back Button GL3590 Datasheet HTML 20Page - GENESYS LOGIC GL3590 Datasheet HTML 21Page - GENESYS LOGIC GL3590 Datasheet HTML 22Page - GENESYS LOGIC GL3590 Datasheet HTML 23Page - GENESYS LOGIC GL3590 Datasheet HTML 24Page - GENESYS LOGIC GL3590 Datasheet HTML 25Page - GENESYS LOGIC GL3590 Datasheet HTML 26Page - GENESYS LOGIC GL3590 Datasheet HTML 27Page - GENESYS LOGIC GL3590 Datasheet HTML 28Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
GL3590 Datasheet
© 2020 Genesys Logic, Inc. - All rights reserved.
Page 24
GLI Confidential
AVDD10
4
7
6
9
8
P
1.0V power for analog PLL circuits
VP10_DIG
14, 54
6, 14, 52
5,13,54
8,16,
56
12,
45
P
1.0V power pins for digital circuits
VP10_PHY
57
55
57
59
48
P
1.0V power pins for analog circuits
VP10_RX
55
54
56
58
47
P
1.0V power pins for digital circuits
VP10_
MEM_A
53
51
53
55
44
P
1.0V internal memory group 1 power
pins
VP33_DIG
3,19, 52
5, 19, 49
4,18,52
7,21,
54
7,
17,
43
P
3.3V power pins for digital circuits
AVDD33
7
10
9
12
11
P
3.3V power for analog PLL circuits
VP33_U2
22, 35,
71, 86
23, 36,
72, 87
24,39,72,
87
1,27,
40,74
1,
21,
30,
62
P
Analog 3.3V power pins
VBUS
51
50
51
53
42
I
VBUS valid detection pin
VP33
58
56
58
60
49
P
3.3V power input
I2C Interface
Name
BGA289
BGA144
Type
Description
I2C_CLK
R5
J8
B
I2C clock for Hub as master or slave
I2C_DAT
C1
D5
B
I2C data for Hub as master or slave
I2C_CLK_M
ST
D17
E11
B
I2C clock for Hub as master
I2C_DAT_M
ST
E17
F11
B
I2C data for Hub as master
SMC
B8
D8
B
SMBus clock
SMD
R17
H10
B
SMBus data
I2C Interface
Name
QFN88
(OV3S1)
QFN88
(OV1S1)
QFN88
(OV6S1)
QFN88
(OV7S1)
QFN
76
Type
Description
I2C_CLK
-
22
21
24
20
B
I2C clock for Hub as master or slave
I2C_DAT
-
1
1
3
3
B
I2C data for Hub as master or slave
I2C_CLK
_MST
-
-
-
-
-
B
I2C clock for Hub as master
I2C_DAT
_MST
-
-
-
-
-
B
I2C data for Hub as master
SMC
-
62
62
64
52
B
SMBus clock
SMD
-
46
48
49
39
B
SMBus data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com