Electronic Components Datasheet Search
  English  ▼

X  

GL3590 Datasheet(PDF) 28 Page - GENESYS LOGIC

Part # GL3590
Description  USB 3.1 Gen 2 Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3590 Datasheet(HTML) 28 Page - GENESYS LOGIC

Back Button GL3590 Datasheet HTML 24Page - GENESYS LOGIC GL3590 Datasheet HTML 25Page - GENESYS LOGIC GL3590 Datasheet HTML 26Page - GENESYS LOGIC GL3590 Datasheet HTML 27Page - GENESYS LOGIC GL3590 Datasheet HTML 28Page - GENESYS LOGIC GL3590 Datasheet HTML 29Page - GENESYS LOGIC GL3590 Datasheet HTML 30Page - GENESYS LOGIC GL3590 Datasheet HTML 31Page - GENESYS LOGIC GL3590 Datasheet HTML 32Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
GL3590 Datasheet
© 2020 Genesys Logic, Inc. - All rights reserved.
Page 28
GLI Confidential
4.2 GL3590-S Functional Block
Upstream Port
USB 2.0 USPORT
Transceiver
UTMI / SIE
Control / Status
Register
Repeater
RAM
Power
Control
Logic
DM & DP
SS+ TX
SS+ RX
USB 3.1 USPORT
Transceiver
Power Management
Engine
Router /
Aggregator
Engine
Control / Status
Register
USB 3.1
DSPORT
Transceiver
SS+
USB-C
DFP
SS+ TX & RX
DM & DP
DM & DP
DM & DP
ROM
CPU
SPI
Engine
SPI
Flash
PLL
25MHz
SS+ TX & RX
CDP Control
Logic
CDP Control
Logic
CDP Control
Logic
CDP Control
Logic
3.3V
Power
1.2V
Power
USB 3.1
DSPORT
Transceiver
USB 3.1
DSPORT
Transceiver
USB 3.1
DSPORT
Transceiver
USB 3.1
DSPORT
Transceiver
SS+
USB-C
DFP
SS+
USB-C
DFP
SS+
USB-C
DFP
SS+
USB-A
DFP
USB2.0
DFP
USB2.0
DFP
USB2.0
DFP
USB 2.0
DSPORT
transceiver
USB 2.0
DSPORT
transceiver
USB 2.0
DSPORT
transceiver
USB 2.0
DSPORT
transceiver
USB 2.0
DSPORT
transceiver
USB 2.0
DSPORT
transceiver
USB 2.0
DSPORT
transceiver
USB 2.0
DSPORT
Transceiver x8
DM & DP
TT
DM & DP
DM & DP
DM & DP
DM & DP
SS+ TX & RX
SS+ TX & RX
SS+ TX & RX
TT
TT
TT
TT
TT
TT
TT x8
CC Controller
CC Controller
CC Controller
CC Controller
Figure 4.2 – GL3590-S Architecture Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com