Electronic Components Datasheet Search
  English  ▼

X  

GL3590 Datasheet(PDF) 21 Page - GENESYS LOGIC

Part # GL3590
Description  USB 3.1 Gen 2 Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3590 Datasheet(HTML) 21 Page - GENESYS LOGIC

Back Button GL3590 Datasheet HTML 17Page - GENESYS LOGIC GL3590 Datasheet HTML 18Page - GENESYS LOGIC GL3590 Datasheet HTML 19Page - GENESYS LOGIC GL3590 Datasheet HTML 20Page - GENESYS LOGIC GL3590 Datasheet HTML 21Page - GENESYS LOGIC GL3590 Datasheet HTML 22Page - GENESYS LOGIC GL3590 Datasheet HTML 23Page - GENESYS LOGIC GL3590 Datasheet HTML 24Page - GENESYS LOGIC GL3590 Datasheet HTML 25Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
GL3590 Datasheet
© 2020 Genesys Logic, Inc. - All rights reserved.
Page 21
GLI Confidential
PWRENJ_W
PWRENJ_X
PWRENJ_Y
PWRENJ_A
P5
B1
C9
T17
K3
C3
D6
G9
B
Active low. Power enable output for PORTW~A
PWRENJ_W is the only power-enable output for GANG
mode.
PWRENJ_B
PWRENJ_Z
PWRENJ_C
PWRENJ_D
P3
C3
C12
P14
J9
-
-
-
B
Active low. Power enable output for PORT_B~D
OVCURJ_W
OVCURJ_X
OVCURJ_Y
OVCURJ_A
P4
A1
C8
U17
J7
C5
C6
E10
I (pd)
Active low. Over current indicator for PORT_W~A
OVCURJ_W is the only over current flag for GANG
mode.
OVCURJ_B
OVCURJ_Z
OVCURJ_C
OVCURJ_D
R2
D2
C11
R13
H4
-
-
-
I (pd)
Active low. Over current indicator for PORT_B~D
PGANG
D4
G4
I
It’s input mode by default after power-on reset.
Individual/gang mode is strapped during this period.
PSELF
F2
-
I
0: GL3590 is bus-powered.
1: GL3590 is self-powered.
Hub Interface
Name
QFN88
(OV3S1)
QFN88
(OV1S1)
QFN88
(OV6S1)
QFN88
(OV7S1)
QFN76 Type
Description
PGREEN_W
PGREEN_X
PGREEN_Y
PGREEN_A
-
22
1
62
46
21
1
62
48
24
3
64
49
20
3
52
39
B
Green LED indicator for
PORT_W~A
 In reset state : PGREEN_Y will
be SMC, PGREEN_A will be
SMD
 SMBUS function is only available
in BGA289
PWRENJ_W
PWRENJ_X
PWRENJ_Y
PWRENJ_A
20
88
63
48
20
2
64
45
19
2
64
47
22
4
66
50
18
4
53
38
B
Active low. Power enable output for
PORTW~A
PWRENJ_W is the only
power-enable output for GANG
mode.
OVCURJ_W
OVCURJ_X
OVCURJ_Y
OVCURJ_A
21
87
62
49
21
88
63
47
20
88
63
49
23
2
65
51
19
2
54
40
I
(pd)
Active low. Over current indicator
for PORT_W~A
OVCURJ_W is the only over current
flag for GANG mode.
PGANG
2
4
-
6
5
I
It’s input mode by default after
power-on reset.
Individual/gang mode is strapped
during this period.
PSELF
-
-
-
-
6
I
0: GL3590 is bus-powered.
1: GL3590 is self-powered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com