Electronic Components Datasheet Search
  English  ▼

X  

7546 Datasheet(PDF) 44 Page - Cooper Bussmann, Inc.

Part # 7546
Description  Locking Devices
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

7546 Datasheet(HTML) 44 Page - Cooper Bussmann, Inc.

Back Button 7546 Datasheet HTML 40Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 41Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 42Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 43Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 44Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 45Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 46Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 47Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 48Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 81 page
background image
E-37
LOCKING
DEVICES
INDUSTRIAL
COMMERCIAL
Commercial
Specification Grade
Locking Devices
30A 3 Pole, 3 Wire Commercial
Specification Grade Receptacles
FEATURES
■
Rugged nylon face and body.
■
Clearly marked rating, NEMA configuration
and approval listings on receptacle face.
■
One piece brass contacts offer superior
performance and minimum heat rise.
■
Back wire terminal clamps for easy
secure wiring.
■
Combination head screws standard –
slot/Phillips in the U.S.
Commercial Specification Grade Receptacles
Rating
AV/AC
NEMA
Description
Color
Catalog No.
30
125/250
Non-NEMA
Single
Black
3330*
30
125/250
L10-30
Single
Black
L1030R
30
250V 3Ø
L11-30
Single
Black
L1130R
30
480V 3Ø
L12-30
Single
Black
L1230R*
30
600V 3Ø
L13-30
Single
Black
L1330R*
*Not NOM
NOTE: Weather Protective Covers from Cooper Wiring Devices that may be used
with these products are described on page E-71 in this section.
TESTING & CODE
COMPLIANCE
• Listed to UL 498
(file no. E15058).
• UL Listed to
Federal Spec.
WC-596.
• NOM Certified,
except as noted.
MATERIAL
CHARACTERISTICS
Nylon.
Meets flammability
requirements
per UL 94, V2 rated.
Temperature Rating:
-40°C to 70°C.
L12-30R
Y
X
Z
L11-30R
Y
X
Z
L10-30R
X
W
Y
L13-30R
Y
X
Z
3 Pole, 3 Wire Non-Grounding
Non-NEMA, 30A 125/250V
NEMA L10-30, 30A 125/250V
NEMA L11-30, 30A 250V 3Ø
NEMA L12-30, 30A 480V 3Ø
NEMA L13-30, 30A 600V 3Ø
3330
L1030R
L1230R
1.70"
(43.2mm)
1.15"
(29.2mm)
2.39"
(60.7mm)
1.55"
(39.4mm)
3.28"
(83.3mm)
2.38"
(60.5mm)
1.70"
(43.2mm)
1.15"
(29.2mm)
2.39"
(60.7mm)
1.55"
(39.4mm)
2.38"
(60.5mm)
3.28"
(83.3mm)
1.70"
(43.2mm)
1.15"
(29.2mm)
2.39"
(60.7mm)
1.55"
(39.4mm)
3.28"
(83.3mm)
2.38"
(60.5mm)
RECEPTACLE
NON-NEMA
30A 125/250V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com