Electronic Components Datasheet Search
  English  ▼

X  

7546 Datasheet(PDF) 49 Page - Cooper Bussmann, Inc.

Part # 7546
Description  Locking Devices
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

7546 Datasheet(HTML) 49 Page - Cooper Bussmann, Inc.

Back Button 7546 Datasheet HTML 45Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 46Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 47Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 48Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 49Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 50Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 51Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 52Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 53Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
E-42
LOCKING
DEVICES
INDUSTRIAL
COMMERCIAL
MATERIAL
CHARACTERISTICS
Nylon.
Temperature Rating:
-40°C to 75°C.
30A 4 Pole, 5 Wire Industrial
Specification Grade Receptacles
Safety Grip™ Flat Cable Plugs and Connectors
Rating
Catalog No.
AV/AC
NEMA
Description
Color
Plug
Connector
20
120/208V 3ØY
L21-20
Flat Cable
Gray
L2120PF
L2120CF
30
120/208V 3ØY
L21-30
Flat Cable
Gray
L2130PF
L2130CF
20/10
250/600
Non-NEMA
Convention Center
Gray
3521F
3523F
FEATURES
■
Designed to securely clamp 5 wires and
up to #10 flat cables.
■
Solves convention, exhibit high traffic area
applications.
■
Nylon housing suitable for 75°C/167°F
continuous use.
4 Pole, 5 Wire Grounding
NEMA L21-20, 20A 120/208V 3ØY
NEMA L21-30, 30A 120/208V 3ØY
Non-NEMA, 20/10A 250V/600V
Industrial
Specification Grade
Flat Cable Hart-Lock®
Locking Devices
L21-20P
X
W
Y
Z
G
L21-20R
X
W
Y
Z
G
L21-30P
Y
W
Z
X
G
L21-30R
Y
W
Z
X
G
L2120PF
2.31"
(58.7mm)
2.19"
(55.6mm)
2.75"
(69.9mm)
Y
W
X
Z
RECEPTACLE
NON-NEMA
20A 250V
10A 600V
Y
X
Z
W
PLUG
NON-NEMA
20A 250V
10A 600V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com