Electronic Components Datasheet Search
  English  ▼

X  

7546 Datasheet(PDF) 64 Page - Cooper Bussmann, Inc.

Part # 7546
Description  Locking Devices
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

7546 Datasheet(HTML) 64 Page - Cooper Bussmann, Inc.

Back Button 7546 Datasheet HTML 60Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 61Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 62Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 63Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 64Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 65Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 66Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 67Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 68Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 81 page
background image
E-57
LOCKING
DEVICES
INDUSTRIAL
COMMERCIAL
50A Hart-Lock®
Locking Devices
Armored 50A Plugs and Connectors
Industrial Specification Grade
and Marine Grade Non-NEMA
Configurations
FEATURES
■
Marine units are corrosion resistant including
stainless steel shells and housing for added
corrosion protection.
■
Metal cable clamp provides for large range
of cable sizes and durable strain relief.
■
Terminal lugs designed for #6 wire.
■
7764/7765 are for replacement purposes
only. Use 3764/3765 for new applications.
Safety Grip™ Nylon 50A Locking Plugs & Connectors, Industrial Specification & Marine Grade
Rating
Config-
Description/
Catalog No.
AV/AC
uration
Cord Diameter
Color
Plug
Connector
50 125
2 Pole,
Marine Style
Black
63CR61
63CR60
3 Wire
0.68"-1.13" (17.3mm-28.6mm)
125
2 Pole,
California Standard
Black
CS6361
CS6360
3 Wire
0.68"-1.13" (17.3mm-28.6mm)
250
2 Pole,
California Standard
Black
CS8265
CS8264
3 Wire
0.68"-1.13" (17.3mm-28.6mm)
480
2 Pole,
California Standard
Black
CS8465
CS8464
3 Wire
0.68"-1.13" (17.3mm-28.6mm)
600V/AC/
2 Pole,
Standard
Black
3763
3762
250VDC
3 Wire
0.68"-1.13" (17.3mm-28.6mm)
125/250
3 Pole,
Marine Style
Black
63CR65
63CR64
4 Wire
0.68"-1.13" (17.3mm-28.6mm)
125/250
3 Pole,
California Standard
Black
CS6365
CS6364
4 Wire
0.68"-1.13" (17.3mm-28.6mm)
250V 3Ø AC
3 Pole,
California Standard
Black
CS8365
CS8364
4 Wire
0.68"-1.13" (17.3mm-28.6mm)
480V 3Ø AC
3 Pole,
California Standard
Black
CS8165
CS8164
4 Wire
0.68"-1.13" (17.3mm-28.6mm)
600V/AC/
3 Pole,
Standard
Black
3765
3764
250V/DC
4 Wire
0.68"-1.13" (17.3mm-28.6mm)
600V/AC/
3 Pole,
Standard
Black
7765
7764
250V/DC
4 Wire
0.68"-1.13" (17.3mm-28.6mm)
TESTING & CODE
COMPLIANCE
• Listed to UL 498
• cUL Listed to CSA
C22.2 no. 42,
(file no. E3663).
MATERIAL
CHARACTERISTICS
Glass-filled Nylon,
Plated or
Stainless Steel.
Environmental:
Flammability
per UL 94
requirements,
V0 rated.
Temperature Rating:
-40°C to 105°C.
R
C
NOTE: Weather Protective Boots from Cooper Wiring Devices that may be used
with these products are described on pages E-72 in this section.
2.02"
(51.2mm)
4.50"
(114.3mm)
2.31"
(58.7mm)
CS6365
CS6364
4.69"
(119.1mm)
1.98"
(50.4mm)
2.31"
(58.7mm)
1.27"
(32.1mm)
PLUG
63CR60
CONNECTOR
63CR61
PLUG
CS6361
CONNECTOR
CS6360
PLUG
CS8265
CONNECTOR
CS8264
PLUG
3763
CONNECTOR
3762
PLUG
63CR65
CONNECTOR
63CR64
PLUG
CS6365
CONNECTOR
CS6364
PLUG
CS8365
CONNECTOR
CS8364
PLUG
CS8165
CONNECTOR
CS8164
PLUG
3765
CONNECTOR
3764
PLUG
7765
CONNECTOR
7764
PLUG
CS8465
CONNECTOR
CS8464



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com