Electronic Components Datasheet Search
  English  ▼

X  

7546 Datasheet(PDF) 30 Page - Cooper Bussmann, Inc.

Part # 7546
Description  Locking Devices
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

7546 Datasheet(HTML) 30 Page - Cooper Bussmann, Inc.

Back Button 7546 Datasheet HTML 26Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 27Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 28Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 29Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 30Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 31Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 32Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 33Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 34Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 81 page
background image
E-23
LOCKING
DEVICES
INDUSTRIAL
COMMERCIAL
30A 3 Pole, 4 Wire Industrial Specification Grade
Flanged Inlet and Outlet
FEATURES
■
All nylon construction.
■
Mounting holes interchangeable with
competitive units.
■
Back wire terminal clamps for easy
secure wiring.
■
Individual wiring compartments with tapered
channel for easy insertion of wires.
■
Combination head screws standard –
slot/Phillips in the US.
■
Add -C to catalog number for Canadian
screws – slot/Robertson head combination.
Industrial Specification Grade Flanged Inlets and Outlets
Rating
Catalog No.
AV/AC
NEMA
Color
Inlet
Outlet
30
125/250
L14-30
Black & White
CWL1430FI
CWL1430FO
30
250V 3Ø
L15-30
Black & White
CWL1530FI
CWL1530FO
30
480V 3Ø
L16-30
Black & White
CWL1630FI
CWL1630FO
30
600V 3Ø
L17-30
Black & White
CWL1730FI
CWL1730FO
Industrial Specification
Grade Hart-Lock®
Locking Devices
NOTE: Weather Protective Covers and Enclosures from Cooper Wiring Devices that may be used
with these products are described on pages E-71, E-73 and E-74 in this section.
3 Pole, 4 Wire Grounding
NEMA L14-30, 30A 125/250V
NEMA L15-30, 30A 250V 3Ø
NEMA L16-30, 30A 480V 3Ø
NEMA L17-30, 30A 600V 3Ø
G
X
Z
Y
L16-30P
G
X
Z
Y
L16-30R
G
X
Z
Y
L15-30P
G
X
Z
Y
L15-30R
L14-30P
G
X
Y
W
L14-30R
G
X
Y
W
G
Y
X
Z
L17-30P
L17-30R
G
Y
X
Z
TESTING & CODE
COMPLIANCE
• Listed to UL 498
Flanged Inlets:
(file no. E3663);
Flanged Outlets
(file no. E2369).
• cUL Certified to
CSA C22.2 no.42
(file no. E3663
and E2369).
MATERIAL
CHARACTERISTICS
Nylon.
Environmental
flammability
per UL 94
requirements,
V2 rated.
Temperature Rating:
-40°C to 80°C.
CWL1530FI
CWL1430FI
CWL1730FI
R
C
2.19"
55.6mm)
2.19"
(55.6mm)
2.03"
(51.6mm)
3.06"
(77.7mm)
2.19"
55.6mm)
2.19"
(55.6mm)
2.03"
(51.6mm)
3.06"
(77.7mm)
2.19"
55.6mm)
2.19"
(55.6mm)
2.03"
(51.6mm)
3.06"
(77.7mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com