Electronic Components Datasheet Search
  English  ▼

X  

7546 Datasheet(PDF) 24 Page - Cooper Bussmann, Inc.

Part # 7546
Description  Locking Devices
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

7546 Datasheet(HTML) 24 Page - Cooper Bussmann, Inc.

Back Button 7546 Datasheet HTML 20Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 21Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 22Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 23Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 24Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 25Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 26Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 27Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 28Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 81 page
background image
Industrial Specification
Grade Hart-Lock®
Locking Devices
30A 3 Pole, 3 Wire Non-Grounding
Industrial Specification Grade Locking Receptacles
FEATURES
■
Rugged fiberglass reinforced nylon body.
■
Clearly marked rating, NEMA configuration
and approval listings on receptacle face.
■
One piece brass contacts offer superior
performance and minimum heat rise.
■
Back wire terminal clamps for easy
secure wiring.
■
Combination head screws standard –
slot/Phillips in the U.S.
■
Add -C to catalog number for Canadian
screws – slot/Robertson head combination.
■
Safety ground clip provided for fast
installation.
Industrial Specification Grade Single Receptacles – Back and Side Wire
Rating
AV/AC
NEMA
Description
Color
Catalog No.
30
125/250
Non-NEMA
Single
Black
3330-2
30
125/250
L10-30
Single
Black
CWL1030R
30
250V 3Ø
L11-30
Single
Black
CWL1130R
30
480V 3Ø
L12-30
Single
Black
CWL1230R
30
600V 3Ø
L13-30
Single
Black
CWL1330R
30A 3 Pole, 3 Wire Non-Grounding
Industrial Specification Grade Plugs and Connectors
FEATURES
■
Nylon construction.
■
Back wire "Dead-Front" design.
■
Neoprene gasket seals cord hole from dust
and debris.
■
Inserts included for three separate cord
grip ranges.
■
Back wire terminal clamps for easy
secure wiring.
■
Individual wiring compartments with
tapered channel for easy insertion of wires.
■
Clear cover over wiring compartments allow
easy inspection of wiring terminations.
■
Combination head screws standard –
slot phillips in the U.S.
Industrial Specification Grade Locking Plugs and Connectors
Rating
Catalog No.
AV/AC
NEMA
Cord Diameter
Color
Plug
Connector
30
125/250 Non-NEMA
0.38"-1.00"
Black
3331N
3333N
(9.5mm-25.4mm)
& White
30
125/250 L10-30
0.38"-1.00"
Black
CWL1030P
CWL1030C
(9.5mm-25.4mm)
& White
30
250V 3Ø
L11-30
0.38"-1.00"
Black
CWL1130P
CWL1130C
(9.5mm-25.4mm)
& White
30
480V 3Ø
L12-30
Straight: 0.30"-0.95"
Black
CWL1230P
CWL1230C
(7.6mm-24.1mm)
& White
30
600V 3Ø
L13-30
Straight: 0.30"-0.95"
Black
CWL1330P
CWL1330C
(7.6mm-24.1mm)
& White
L12-30P
Y
X
Z
L12-30R
Y
X
Z
L11-30P
Y
X
Z
L11-30R
Y
X
Z
L10-30P
X
W
Y
L10-30R
X
W
Y
NOTE: Weather Protective Covers and Boots from Cooper Wiring Devices
that may be used with these products are described on pages E-71 and E-72 in this section.
L13-30P
Y
X
Z
L13-30R
Y
X
Z
3 Pole, 3 Wire Non-Grounding
Non-NEMA, 30A 125/250V
NEMA L10-30, 30A 125/250V
NEMA L11-30, 30A 250V 3Ø
NEMA L12-30, 30A 480V 3Ø
NEMA L13-30, 30A 600V 3Ø
E-17
LOCKING
DEVICES
INDUSTRIAL
COMMERCIAL
TESTING & CODE
COMPLIANCE
• Listed to UL 498,
Plugs & Connectors:
(file no. E3663)
except CWL1230P,
CWL1230C,
CWPL1330P
CWL1330C,
(file no. E1381).
Receptacles:
(file no. E2369).
MATERIAL
CHARACTERISTICS
Receptacles:
Glass filled Nylon,
Plugs & Connectors:
Nylon.
Environmental:
Flammability
per UL 94
requirements,
Receptacles V0 rated.
Temperature Rating:
Receptacles:
-40ºC to 105ºC;
Plugs & Connectors:
-40ºC to 75ºC
except CWL1230P, C
& CWL1330P, C:
-40°C to 60°C.
CWL1030R
CWL1230P
CWL1230C
1.12"
(28.5mm)
2.62"
(66.53mm)
1.62"
(41.1mm)
3.28"
(83.3mm)
1.56"
(39.6mm)
2.85"
(72.39mm)
2.13"
(54.10mm)
1.83"
(46.48mm)
CWL1130P
3.90"
(99.06mm)
1.83"
(46.82mm)
2.13"
(54.10mm)
RECEPTACLE
NON-NEMA
30A 125/250V
PLUG
NON-NEMA
30A 125/250V
2.34"
(59.4mm)
2.12"
(53.8mm)
2.00"
(50.8mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com