Electronic Components Datasheet Search
  English  ▼

X  

7546 Datasheet(PDF) 73 Page - Cooper Bussmann, Inc.

Part # 7546
Description  Locking Devices
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

7546 Datasheet(HTML) 73 Page - Cooper Bussmann, Inc.

Back Button 7546 Datasheet HTML 69Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 70Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 71Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 72Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 73Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 74Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 75Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 76Page - Cooper Bussmann, Inc. 7546 Datasheet HTML 77Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 81 page
background image
E-66
LOCKING
DEVICES
INDUSTRIAL
COMMERCIAL
PG-300
20416N
3.59"
(91.2mm)
3.25"
(82.6mm)
1.87"
(47.5mm)
2.84"
(72.1mm)
4.56"
(115.8mm)
1.19"
(30.2mm)
1.94" Dia.
(49.3mm)
20417N
4.56"
(115.8mm)
3.25"
(82.6mm)
1.88"
(47.8mm)
2.84"
(72.1mm)
1.97"dia.
(50.0mm)
Power Grips for 30 Amp Power-Lock® Units
FEATURES
■
Full length double weave stainless steel
mesh for maximum strength. Units with
stand 1,000 pound (4448 newtons)
pull test.
■
Turned aluminum fitting and washers
contain mesh securely on assembly.
■
Sturdy steel adapter ring is cadmium plated
for corrosion resistance.
■
Assembly instructions supplied with each
‘‘Power Grip’’.
Wire Mesh Grips for 30 Amp Power-Lock®
Nominal Grip Diameter
Grip Diameter Range
Catalog No.
0.44" (11.2mm)
0.375" (9.5mm)-0.500" (12.7mm)
PG-300
0.56" (14.2mm)
0.500" (12.7mm)-0.625" (15.9mm)
PG-301
0.69" (17.5mm)
0.625" (15.9mm)-0.750" (19.1mm)
PG-302
0.81" (20.6mm)
0.750" (19.1mm)-0.875" (22.2mm)
PG-303
0.94" (23.9mm)
0.875" (22.2mm)-1.00" (25.4mm)
PG-304
Power grips can be used on the following Catalog Nos.:
21415, 21426, 21443, 21414, 21427, 21442, 20445, 20444.
Directions:
1. Locate nearest size of cable in ‘‘Nominal Grip Diameter’’ column.
2. Check ‘‘Grip Diameter Range’’ column and select number closest to cable diameter.
Industrial
Specification Grade
Power-Lock® Devices
Plates for 30 Amp Power-Lock® Receptacles
Description
Catalog No.
Red glass filled nylon with weather protective lift lid cover and gasket
20446N
Die cast aluminum with weather protective lift lid cover and gasket
20416D
Gray glass filled nylon with weather protective lift lid cover and gasket
20416N
Die cast aluminum cover less lid and gasket
20417N
Plates for 30 Amp Power-Lock® Receptacles
TESTING & CODE
COMPLIANCE
Weather protective lids:
20416D and 20417N:
Listed to UL 514A
(file no. E92122).
20446N and 20416N:
Listed to UL 514C,
(file no. E2458).
• cUL Listed to CSA
C22.2 no. 18.
20416D and 20417N:
(file no. E92122).
20446N and 20416N:
(file no. E2458).
R
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com