Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 117 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 117 Page - SPANSION

Back Button S71GS256 Datasheet HTML 113Page - SPANSION S71GS256 Datasheet HTML 114Page - SPANSION S71GS256 Datasheet HTML 115Page - SPANSION S71GS256 Datasheet HTML 116Page - SPANSION S71GS256 Datasheet HTML 117Page - SPANSION S71GS256 Datasheet HTML 118Page - SPANSION S71GS256 Datasheet HTML 119Page - SPANSION S71GS256 Datasheet HTML 120Page - SPANSION S71GS256 Datasheet HTML 121Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 195 page
background image
October 4, 2004 cellRAM_00_A0
CellularRAM Type 2
117
Ad vance
Info rmat i o n
Bus Configuration Register
The BCR defines how the CellularRAM device interacts with the system memory
bus. Page mode operation is enabled by a bit contained in the RCR. Table 18
below describes the control bits in the BCR. At power up, the BCR is set to 9D4Fh.
Notes:
1. Non-default BCR settings: Latency code two (three clocks); WAIT active LOW; WAIT asserted during delay.
2. A[19] = LOW to load RCR; A[19] = HIGH to load BCR.
3. CE# must remain LOW to complete a burst-of-one WRITE. WAIT must be monitored—additional WAIT cycles caused
by refresh collisions require a corresponding number of additional CE# LOW cycles.
Figure 32. Configuration Register WRITE, Synchronous Mode Followed by READ0
Latch Control Register Value
ADDRESS
ADDRESS
tHD
OPCODE
tSP
Latch Control Register Address
tSP
tHD
tSP
tHD
tCSP
tCBPH
(Note 3)
High-Z
High-Z
tCEW
DATA
VALID
CLK
A[22:0]
(except A19)
A19
(Note 2)
CRE
ADV#
CE#
OE#
WE#
LB#/UB#
WAIT
DQ[15:0]
Don't care
Legend:
tSP
tHD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com