Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 121 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 121 Page - SPANSION

Back Button S71GS256 Datasheet HTML 117Page - SPANSION S71GS256 Datasheet HTML 118Page - SPANSION S71GS256 Datasheet HTML 119Page - SPANSION S71GS256 Datasheet HTML 120Page - SPANSION S71GS256 Datasheet HTML 121Page - SPANSION S71GS256 Datasheet HTML 122Page - SPANSION S71GS256 Datasheet HTML 123Page - SPANSION S71GS256 Datasheet HTML 124Page - SPANSION S71GS256 Datasheet HTML 125Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 195 page
background image
October 4, 2004 cellRAM_00_A0
CellularRAM Type 2
121
Ad vance
Info rmat i o n
Latency Counter (BCR[13:11]): Default = Three-Clock Latency
The latency counter bits determine how many clocks occur between the begin-
ning of a READ or WRITE operation and the first data value transferred. Latency
codes from two (three clocks) to six (seven clocks) are allowed (see Table 21 and
Figure 36 below).
Note: Latency is the number of clock cycles from the initiation of a burst operation until data appears. Data is trans-
ferred on the next clock cycle.
Note: Valid/invalid data delayed for one clock after WAIT transitions (BCR[8] = 1). See Figure 35.
Figure 34. WAIT Configuration (BCR[8] = 1)
Note: Non-default BCR setting: WAIT active LOW.
Figure 35. WAIT Configuration During Burst Operation
Table 21. Variable Latency Configuration Codes
BCR[13:11]
LATENCY
CONFIGURATION CODE
LATENCY (Note)
MAX INPUT CLK FREQUENCY (MHz)
NORMAL
REFRESH
COLLISION
70ns/80 MHz
85ns/66 MHz
010
2 (3 clocks)
2
4
75 (13.0ns)
44 (22.7ns)
011
3 (4 clocks)—default
3
6
80 (12.5ns)
66 (15.2ns)
100
4 (5 clocks)
4
8
Data[0]
High-Z
CLK
WAIT
DQ[15:0]
Data valid (or invalid) after one clock delay
D[0]
D[1]
D[2]
D[3]
D[4]
CLK
WAIT
WAIT
DQ[15:0]
BCR[8] = 0
DATA VALID IN CURRENT CYCLE
BCR[8] = 1
DATA VALID IN NEXT CYCLE
Don't care
Legend:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com