Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 122 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 122 Page - SPANSION

Back Button S71GS256 Datasheet HTML 118Page - SPANSION S71GS256 Datasheet HTML 119Page - SPANSION S71GS256 Datasheet HTML 120Page - SPANSION S71GS256 Datasheet HTML 121Page - SPANSION S71GS256 Datasheet HTML 122Page - SPANSION S71GS256 Datasheet HTML 123Page - SPANSION S71GS256 Datasheet HTML 124Page - SPANSION S71GS256 Datasheet HTML 125Page - SPANSION S71GS256 Datasheet HTML 126Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 195 page
background image
122
CellularRAM Type 2
cellRAM_00_A0 October 4, 2004
Advan ce
In form ati o n
Operating Mode (BCR[15]): Default = Asynchronous Operation
The operating mode bit selects either synchronous burst operation or the default
asynchronous mode of operation.
Refresh Configuration Register
The refresh configuration register (RCR) defines how the CellularRAM device per-
forms its transparent self refresh. Altering the refresh parameters can
dramatically reduce current consumption during standby mode. Page mode con-
trol is also embedded into the RCR. Table 22 below describes the control bits used
in the RCR. At power-up, the RCR is set to 0070h. The RCR is accessed using CRE
and A[19] LOW.
Figure 36. Latency Counter (Variable Initial Latency, No Refresh Collision)
Code 2
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid Address
Valid
Output
Code 3
(Default)
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Code 4
Valid
Output
Valid
Output
Valid
Output
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
VOH
VOL
VOH
VOL
CLK
A[21:0]
ADV#
A/DQ[15:0]
A/DQ[15:0]
A/DQ[15:0]
Don't care
Undefined
Legend:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com