Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 123 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 123 Page - SPANSION

Back Button S71GS256 Datasheet HTML 119Page - SPANSION S71GS256 Datasheet HTML 120Page - SPANSION S71GS256 Datasheet HTML 121Page - SPANSION S71GS256 Datasheet HTML 122Page - SPANSION S71GS256 Datasheet HTML 123Page - SPANSION S71GS256 Datasheet HTML 124Page - SPANSION S71GS256 Datasheet HTML 125Page - SPANSION S71GS256 Datasheet HTML 126Page - SPANSION S71GS256 Datasheet HTML 127Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 195 page
background image
October 4, 2004 cellRAM_00_A0
CellularRAM Type 2
123
Ad vance
Info rmat i o n
Partial Array Refresh (RCR[2:0]): Default = Full Array Refresh
The PAR bits restrict refresh operation to a portion of the total memory array. This
feature allows the device to reduce standby current by refreshing only that part
of the memory array required by the host system. The refresh options are full ar-
ray, one-half array, one-quarter array, three-quarters array, or none of the array.
The mapping of these partitions can start at either the beginning or the end of
the address map (see Table 23 through Table 25).
Table 22. Refresh Configuration Register Mapping
Table 23. 128Mb Address Patterns for PAR (RCR[4] = 1)
RCR[2]
RCR[1]
RCR[0]
ACTIVE SECTION
ADDRESS SPACE
SIZE
DENSITY
0
0
0
Full die
000000h–7FFFFFh
8 Meg x 16
128Mb
0
0
1
One-half of die
000000h–3FFFFFh
4 Meg x 16
64Mb
0
1
0
One-quarter of die
000000h–1FFFFFh
2 Meg x 16
32Mb
0
1
1
One-eighth of die
000000h–0FFFFFh
1 Meg x 16
16Mb
1
0
0
None of die
0
0 Meg x 16
0Mb
1
0
1
One-half of die
400000h–7FFFFFh
4 Meg x 16
64Mb
1
1
0
One-quarter of die
600000h–7FFFFFh
2 Meg x 16
32Mb
1
1
1
One-eighth of die
700000h–7FFFFFh
1 Meg x 16
16Mb
PAR
A4
A3
A2
A1
A0
Read Configuration
Register
Address Bus
A5
A6
All must be set to "0"
0
1
Deep Power-Down
DPD Enable
DPD Disable (default)
RCR[4]
A[18:8]
Register
Select
Reserved
Reserved
Reserved
TCR
A[22:20]
A19
0
1
Register Select
Select RCR
Select BCR
RCR[19]
All must be set to "0"
RCR[1] RCR[0]
Refresh Coverage
RCR[2]
0
0
Full array (default)
0
0
1
Bottom 1/2 array
0
1
0
Bottom 1/4 array
0
1
1
Bottom 1/8 array
0
01
1
Top 1/2 array
10
1
Top 1/4 array
DPD
Must be set to "0"
A7
Page
0
1
Page Mode Enable/Disable
Page Mode Disabled (default)
Page Mode Enable
RCR[7]
4
51
2
30
6
18–8
19
22–20
7
1
None of array
00
1
Top 3/4 array
11
RCR[6]
RCR[5]
Maximum Case Temp
+85ºC (default)
11
00
01
10
+70ºC
+45ºC
+15ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com