Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 125 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 125 Page - SPANSION

Back Button S71GS256 Datasheet HTML 121Page - SPANSION S71GS256 Datasheet HTML 122Page - SPANSION S71GS256 Datasheet HTML 123Page - SPANSION S71GS256 Datasheet HTML 124Page - SPANSION S71GS256 Datasheet HTML 125Page - SPANSION S71GS256 Datasheet HTML 126Page - SPANSION S71GS256 Datasheet HTML 127Page - SPANSION S71GS256 Datasheet HTML 128Page - SPANSION S71GS256 Datasheet HTML 129Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 195 page
background image
October 4, 2004 cellRAM_00_A0
CellularRAM Type 2
125
Ad vance
Info rmat i o n
Absolute Maximum Ratings
Voltage to Any Ball Except VCC, VCCQ
Relative to VSS . . . . . -0.50V to (4.0V or VCCQ + 0.3V, whichever is less)
Voltage on VCC Supply Relative to VSS . . . . . . . . . . . . . . . . -0.2V to +2.45V
Voltage on VCCQ Supply Relative to VSS . . . . . . . . . . . . . . . . -0.2V to +2.45V
Storage Temperature (plastic) . . . . . . . . . . . . . . . . . . . . . . -55ºC to +150ºC
Operating Temperature (case)
Wireless. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25ºC to +85ºC
*Stresses greater than those listed may cause permanent damage to the device. This
is a stress rating only, and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may
affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com