Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 127 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 127 Page - SPANSION

Back Button S71GS256 Datasheet HTML 123Page - SPANSION S71GS256 Datasheet HTML 124Page - SPANSION S71GS256 Datasheet HTML 125Page - SPANSION S71GS256 Datasheet HTML 126Page - SPANSION S71GS256 Datasheet HTML 127Page - SPANSION S71GS256 Datasheet HTML 128Page - SPANSION S71GS256 Datasheet HTML 129Page - SPANSION S71GS256 Datasheet HTML 130Page - SPANSION S71GS256 Datasheet HTML 131Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 195 page
background image
October 4, 2004 cellRAM_00_A0
CellularRAM Type 2
127
Ad vance
Info rmat i o n
Note: IPAR (MAX) values measured with TCR set to 85°C.
Table 28. Partial Array Refresh Specifications and Conditions
Note:IPAR (MAX) values measured with TCR set to 85°C.
Table 27. Temperature Compensated Refresh Specifications and Conditions
Description
Conditions
Symbol
Density
Max Case
Temperature
Standard
Power
(No Desig.)
Units
Temperature Compensated
Refresh Standby Current
VIN = VCCQ or 0V,
CE# = VCCQ
ITCR
64 Mb
+85
°C120
µA
+70
°C105
+45
°C85
+15
°C70
32 Mb
+85
°C110
+70
°C95
+45
°C80
+15
°C70
Description
Conditions
Symbol
Density
Array
Partition
Standard
Power
(No Desig.)
Units
Partially Array Refresh Standby
Current
VIN = VCCQ or 0V,
CE# = VCCQ
IPAR
64 Mb
Full
120
µA
1/2
115
1/4
110
1/8
105
070
32 Mb
Full
110
1/2
105
1/4
100
1/8
95
070
128 Mb
Full
180
050
Table 29. Deep Power-Down Specifications
Description
Conditions
Symbol
Typ
Units
Deep Power-down
VIN = VCCQ or 0V; +25°C; VCC = 1.8V
IZZ
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com