Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 131 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 131 Page - SPANSION

Back Button S71GS256 Datasheet HTML 127Page - SPANSION S71GS256 Datasheet HTML 128Page - SPANSION S71GS256 Datasheet HTML 129Page - SPANSION S71GS256 Datasheet HTML 130Page - SPANSION S71GS256 Datasheet HTML 131Page - SPANSION S71GS256 Datasheet HTML 132Page - SPANSION S71GS256 Datasheet HTML 133Page - SPANSION S71GS256 Datasheet HTML 134Page - SPANSION S71GS256 Datasheet HTML 135Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 195 page
background image
October 4, 2004 cellRAM_00_A0
CellularRAM Type 2
131
Ad vance
Info rmat i o n
Notes:
1. See “How Extended Timings Impact CellularRAM™ Operation” below.
2. Low-Z to High-Z timings are tested with the circuit shown in Figure 38. The High-Z timings measure a 100mV
transition from either VOH or VOL toward VCCQ/2.
3. High-Z to Low-Z timings are tested with the circuit shown in Figure 38. The Low-Z timings measure a 100mV
transition away from the High-Z (VCCQ/2) level toward either VOH or VOL.
Table 33. Asynchronous WRITE Cycle Timing Requirements
Parameter
Symbol
70ns/80 MHz
85ns/66 MHz
Units
Notes
Min
Max
Min
Max
Address and ADV# LOW Setup Time
tAS
00
ns
Address Hold from ADV# Going HIGH
tAVH
55
ns
Address Setup to ADV# Going HIGH
tAVS
10
10
ns
Address Valid to End of Write
tAW
70
85
ns
LB#/UB# Select to End of Write
tBW
70
85
ns
Maximum CE# Pulse Width
tCEM
44
µs
1
CE# LOW to WAIT Valid
tCEW
1
7.517.5
ns
Async Address-to-Burst Transition Time
tCKA
70
85
ns
CE# Low to ADV# HIGH
tCVS
10
10
ns
Chip Enable to End of Write
tCW
70
85
ns
Data Hold from Write Time
tDH
00
ns
Data WRITE Setup Time
tDW
23
23
ns
1
Chip Disable to WAIT High-Z Output
tHZ
88
ns
Chip Enable to Low-Z Output
tLZ
10
10
ns
3
End WRITE to Low-Z Output
tOW
55
ns
3
ADV# Pulse Width
tVP
10
10
ns
ADV# Pulse Width HIGH
tVPH
10
10
ns
ADV# Setup to End of WRITE
tVS
70
85
ns
WRITE Cycle Time
tWC
70
85
ns
WRITE to DQ High-Z Output
tWHZ
88
ns
2
WRITE Pulse Width
tWP
46
55
ns
1
WRITE Pulse Width HIGH
tWPH
10
10
ns
WRITE Recovery Time
tWR
00
ns
Table 34. Burst WRITE Cycle Timing Requirements
Parameter
Symbol
70ns/80 MHz
85ns/66 MHz
Units
Notes
Min
Max
Min
Max
CE# HIGH between Subsequent Mixed-Mode Operations
tCBPH
55
ns
CE# LOW to WAIT Valid
tCEW
1
7.517.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com