Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 132 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 132 Page - SPANSION

Back Button S71GS256 Datasheet HTML 128Page - SPANSION S71GS256 Datasheet HTML 129Page - SPANSION S71GS256 Datasheet HTML 130Page - SPANSION S71GS256 Datasheet HTML 131Page - SPANSION S71GS256 Datasheet HTML 132Page - SPANSION S71GS256 Datasheet HTML 133Page - SPANSION S71GS256 Datasheet HTML 134Page - SPANSION S71GS256 Datasheet HTML 135Page - SPANSION S71GS256 Datasheet HTML 136Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 195 page
background image
132
CellularRAM Type 2
cellRAM_00_A0 October 4, 2004
Advan ce
In form ati o n
Timing Diagrams
Clock Period
tCLK
12.5
15
ns
CE# Setup to CLK Active Edge
tCSP
45
ns
Hold Time from Active CLK Edge
tHD
22
ns
Chip Disable to WAIT High-Z Output
tHZ
88
ns
CLK Rise or Fall Time
tKHKL
1.6
1.6
ns
Clock to WAIT Valid
tKHTL
911
ns
CLK HIGH or LOW Time
tKP
33
ns
Setup Time to Activate CLK Edge
tSP
33
ns
Figure 39. Initialization Period
Table 35. Initialization Timing Parameters
Parameter
Symbol
70ns/80 MHz
85ns/66 MHz
Units
Notes
MinMax
MinMax
Initialization Period (required before normal operations)
tPU
150
150
µs
Table 34. Burst WRITE Cycle Timing Requirements (Continued)
Parameter
Symbol
70ns/80 MHz
85ns/66 MHz
Units
Notes
Min
Max
Min
Max
tPU
VCC, VCCQ = 1.7V
VCC (MIN)
Device ready for
normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com