Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 130 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 130 Page - SPANSION

Back Button S71GS256 Datasheet HTML 126Page - SPANSION S71GS256 Datasheet HTML 127Page - SPANSION S71GS256 Datasheet HTML 128Page - SPANSION S71GS256 Datasheet HTML 129Page - SPANSION S71GS256 Datasheet HTML 130Page - SPANSION S71GS256 Datasheet HTML 131Page - SPANSION S71GS256 Datasheet HTML 132Page - SPANSION S71GS256 Datasheet HTML 133Page - SPANSION S71GS256 Datasheet HTML 134Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 195 page
background image
130
CellularRAM Type 2
cellRAM_00_A0 October 4, 2004
Advan ce
In form ati o n
Notes:
1. All tests are performed with the outputs configured for full drive strength (BCR[5] = 0).
2. Low-Z to High-Z timings are tested with the circuit shown in Figure 38. The High-Z timings measure a 100mV
transition from either VOH or VOL toward VCCQ/2.
3. High-Z to Low-Z timings are tested with the circuit shown in Figure 38. The Low-Z timings measure a 100mV
transition away from the High-Z (VCCQ/2) level toward either VOH or VOL.
Table 32. Burst READ Cycle Timing Requirements
Parameter
Symbol
70ns/80 MHz
85ns/66 MHz
Units
Notes
Min
Max
Min
Max
Burst to READ Access Time (Variable Latency)
tABA
35
55
ns
CLK to Output Delay
tACLK
911
ns
Address Setup to ADV# HIGH
tAVS
10
10
ns
Burst OE# LOW to Output Delay
tBOE
20
20
ns
CE# HIGH between Subsequent Mixed-Mode Operations
tCBPH
55
ns
CE# LOW to WAIT Valid
tCEW
1
7.517.5
ns
CLK Period
tCLK
12.5
15
ns
CE# Setup Time to Active CLK Edge
tCSP
45
ns
Hold Time from Active CLK Edge
tHD
22
ns
Chip Disable to DQ and WAIT High-Z Output
tHZ
88
ns
2
CLK Rise or Fall Time
tKHKL
1.6
1.6
ns
CLK to WAIT Valid
tKHTL
911
ns
CLK to DQ High-Z Output
tKHZ
3838
ns
CLK to Low-Z Output
tKLZ
2525
ns
Output HOLD from CLK
tKOH
22
ns
CLK HIGH or LOW Time
tKP
33
ns
Output Disable to DQ High-Z Output
tOHZ
88
ns
2
Output Enable to Low-Z Output
tOLZ
55
ns
3
Setup Time to Active CLK Edge
tSP
33
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com