Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 118 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 118 Page - SPANSION

Back Button S71GS256 Datasheet HTML 114Page - SPANSION S71GS256 Datasheet HTML 115Page - SPANSION S71GS256 Datasheet HTML 116Page - SPANSION S71GS256 Datasheet HTML 117Page - SPANSION S71GS256 Datasheet HTML 118Page - SPANSION S71GS256 Datasheet HTML 119Page - SPANSION S71GS256 Datasheet HTML 120Page - SPANSION S71GS256 Datasheet HTML 121Page - SPANSION S71GS256 Datasheet HTML 122Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 195 page
background image
118
CellularRAM Type 2
cellRAM_00_A0 October 4, 2004
Advan ce
In form ati o n
The BCR is accessed using CRE and A[19] HIGH.
Table 18. Bus Configuration Register Definition
Note: Burst wrap and length apply to READ operations only.
A13
11
0
Latency
Counter
Initial
Latency
32
1
WAIT
Polarity
4
5
6
7
8
Output
Impedance
Burst
Wrap
(BW)
(Note)
14
A12 A11
A10
A9
A8
A7
A6
A5
A4
A3
A2 A1 A0
Output Impedance
Full Drive (default)
1/2 Drive
1/4 Drive
Reserved
BCR[5]
0
0
1
1
BCR[4]
0
1
0
1
15
Burst
Length
(BL)
(Note)
Reserved Reserved
9
10
Operating
Mode
0
1
WAIT Polarity
Active LOW
Active HIGH (default)
BCR[10]
Reserved
22–20
A14
A15
A[18:16]
19
18–16
Register
Select
Reserved
A19
A[22:20]
Reserved
Must be set to "0"
Must be set to "0"
All must be set to "0"
0
1
Operating Mode
Synchronous burst access mode
Asynchronous access mode (default)
BCR[15]
0
1
Register Select
Select RCR
Select BCR
BCR[19]
Burst Wrap (Note)
Burst wraps within the burst length
Burst no wrap (default)
BCR[3]
0
1
Must be set to "0"
Setting is ignored
WAIT
Configuration
(WC)
12
13
BCR[12] BCR[11] Latency Counter
BCR[13]
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Code 0–Reserved
Code 1–Reserved
Code 2
Code 3 (Default)
Code 4
Code 5
Code 6
Code 7–Reserved
0
1
WAIT Configuration
Asserted during delay
Asserted one data cycle before delay (default)
BCR[8]
BCR[1] BCR[0] Burst Length (Note)
BCR[2]
0
0
0
1
0
1
1
1
1
0
1
1
4 words
8 words
16 words
Continuous burst (default)
Reserved
Must be set to "0"
Others



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com