Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 144 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 144 Page - SPANSION

Back Button S71GS256 Datasheet HTML 140Page - SPANSION S71GS256 Datasheet HTML 141Page - SPANSION S71GS256 Datasheet HTML 142Page - SPANSION S71GS256 Datasheet HTML 143Page - SPANSION S71GS256 Datasheet HTML 144Page - SPANSION S71GS256 Datasheet HTML 145Page - SPANSION S71GS256 Datasheet HTML 146Page - SPANSION S71GS256 Datasheet HTML 147Page - SPANSION S71GS256 Datasheet HTML 148Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 195 page
background image
144
CellularRAM Type 2
cellRAM_00_A0 October 4, 2004
Advan ce
In form ati o n
Table 41. Burst READ Timing Parameters—4-word Burst with LB#/UB#
Symbol
70ns/80 MHz
85ns/66 MHz
Units
MinMax
MinMax
tACLK
911
ns
tBOE
20
20
ns
tCBPH
55
ns
tCEW
17.517.5
ns
tCLK
12.5
15
ns
tCSP
45
ns
tHD
22
ns
tHZ
88
ns
tKHTL
911
ns
tKHZ
3838
ns
tKLZ
2525
ns
tKOH
22
ns
tOHZ
88
ns
tOLZ
55
ns
tSP
33
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com