Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 145 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 145 Page - SPANSION

Back Button S71GS256 Datasheet HTML 141Page - SPANSION S71GS256 Datasheet HTML 142Page - SPANSION S71GS256 Datasheet HTML 143Page - SPANSION S71GS256 Datasheet HTML 144Page - SPANSION S71GS256 Datasheet HTML 145Page - SPANSION S71GS256 Datasheet HTML 146Page - SPANSION S71GS256 Datasheet HTML 147Page - SPANSION S71GS256 Datasheet HTML 148Page - SPANSION S71GS256 Datasheet HTML 149Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 195 page
background image
October 4, 2004 cellRAM_00_A0
CellularRAM Type 2
145
Ad vance
Info rmat i o n
Notes:
1. Non-default BCR settings: Latency code two (three clocks); WAIT active LOW; WAIT asserted during delay.
2. OE# can stay LOW during burst suspend. If OE# is LOW, DQ[15:0] will continue to output valid data.
Figure 46. READ Burst Suspend
Table 42. Burst READ Timing Parameters—Burst Suspend
Symbol
70ns/80 MHz
85ns/66 MHz
Units
MinMax
MinMax
tACLK
911
ns
tBOE
20
20
ns
tCBPH
55
ns
tCLK
12.5
15
ns
tCSP
45
ns
tHD
22
ns
tHZ
88
ns
tKOH
22
ns
tOHZ
88
ns
tOLZ
55
ns
tOHZ
tOLZ
High-Z
High-Z
tCBPH
Don't Care
Undefined
Legend:
tCEW
High-Z
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
VIH
VIL
A[22:0]
ADV#
CE#
LB#/UB#
DQ[15:0]
WAIT
tSP
tCSP
tBOE
tSP
tHD
tHD
VIH
VIL
OE#
WE#
tSP
tHD
tSP
tHD
tCLK
VIH
VIL
CLK
tHZ
VALID
OUTPUT
VALID
OUTPUT
VALID
OUTPUT
VALID
OUTPUT
tKOH
tACLK
(Note 2)
tBOE
tOLZ
VALID
OUTPUT
VALID
OUTPUT
Valid
Address
tOHZ
Valid
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com