Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 157 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 157 Page - SPANSION

Back Button S71GS256 Datasheet HTML 153Page - SPANSION S71GS256 Datasheet HTML 154Page - SPANSION S71GS256 Datasheet HTML 155Page - SPANSION S71GS256 Datasheet HTML 156Page - SPANSION S71GS256 Datasheet HTML 157Page - SPANSION S71GS256 Datasheet HTML 158Page - SPANSION S71GS256 Datasheet HTML 159Page - SPANSION S71GS256 Datasheet HTML 160Page - SPANSION S71GS256 Datasheet HTML 161Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 195 page
background image
October 4, 2004 cellRAM_00_A0
CellularRAM Type 2
157
Ad vance
Info rmat i o n
Notes:
1. Non-default BCR settings: Latency code two (three clocks); WAIT active LOW; WAIT asserted during delay.
2. WAIT will assert LC + 1 or 2LC + 1 cycles for variable latency (depending upon refresh status).
Figure 53. Continuous Burst WRITE Showing an Output Delay with BCR[8] = 0 for End-of-Row Condition
Table 49. Burst WRITE Timing Parameters—BCR[8] = 0
Symbol
70ns/80 MHz
85ns/66 MHz
Units
MinMax
MinMax
tCLK
12.5
15
ns
tHD
22
ns
tKHTL
811
ns
tSP
33
ns
Don't Care
Legend:
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
A[22:0]
ADV#
CE#
LB#/UB#
WAIT
tCLK
VIH
VIL
CLK
(Note 2)
VIH
VIL
OE#
tOHZ
VIH
VIL
WE#
tKHTL
tKHTL
VOH
VOL
DQ[15:0]
tHD
tSP
Valid Input
D[n]
Valid Input
D[n+1]
Valid Input
D[n+3]
Valid Input
D[n+2]
END OF ROW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com