Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 158 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 158 Page - SPANSION

Back Button S71GS256 Datasheet HTML 154Page - SPANSION S71GS256 Datasheet HTML 155Page - SPANSION S71GS256 Datasheet HTML 156Page - SPANSION S71GS256 Datasheet HTML 157Page - SPANSION S71GS256 Datasheet HTML 158Page - SPANSION S71GS256 Datasheet HTML 159Page - SPANSION S71GS256 Datasheet HTML 160Page - SPANSION S71GS256 Datasheet HTML 161Page - SPANSION S71GS256 Datasheet HTML 162Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 195 page
background image
158
CellularRAM Type 2
cellRAM_00_A0 October 4, 2004
Advan ce
In form ati o n
Notes:
1. Non-default BCR settings: Latency code two (three clocks); WAIT active LOW; WAIT asserted during delay.
2. To allow self-refresh operations to occur between transactions, CE# must remain HIGH for at least 5ns (tCBPH) to
schedule the appropriate internal refresh operation. CE# can stay LOW between burst READ and burst WRITE
operations. See “How Extended Timings Impact CellularRAM™ Operation” for restrictions on the maximum CE#
LOW time (tCEM).
Figure 54. Burst WRITE Followed by Burst READ
Table 50. WRITE Timing Parameters—Burst WRITE Followed by Burst READ
Symbol
70ns/80 MHz
85ns/66 MHz
Units
Min
Max
Min
Max
tCBPH
55
ns
tCLK
12.5
20
15
20
ns
tCSP
4
20520
ns
tHD
22
ns
tSP
33
ns
Table 51. READ Timing Parameters—Burst WRITE Followed by Burst READ
Symbol
70ns/80 MHz
85ns/66 MHz
Units
MinMax
MinMax
tACLK
911
ns
tBOE
20
20
ns
tCLK
12.5
15
ns
tOHZ
High-Z
High-Z
tCBPH
High-Z
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
A[22:0]
ADV#
CE#
LB#/UB#
DQ[15:0]
WAIT
tSP
tCSP
tSP
tHD
tHD
VIH
VIL
OE#
WE#
tSP tHD
tCLK
VIH
VIL
CLK
tHD
tBOE
Valid
Address
tSP
tHD
Valid
Address
tSP
tHD
(Note 2) tCSP
tSP tHD
tSP
tHD
D[0]
D[3]
D[2]
D[1]
Valid
Output
Valid
Output
Valid
Output
Valid
Output
VOH
VOL
tKOH
tACLK
tSP tHD
High-Z
Don't Care
Undefined
Legend:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com