Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 162 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 162 Page - SPANSION

Back Button S71GS256 Datasheet HTML 158Page - SPANSION S71GS256 Datasheet HTML 159Page - SPANSION S71GS256 Datasheet HTML 160Page - SPANSION S71GS256 Datasheet HTML 161Page - SPANSION S71GS256 Datasheet HTML 162Page - SPANSION S71GS256 Datasheet HTML 163Page - SPANSION S71GS256 Datasheet HTML 164Page - SPANSION S71GS256 Datasheet HTML 165Page - SPANSION S71GS256 Datasheet HTML 166Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 195 page
background image
162
CellularRAM Type 2
cellRAM_00_A0 October 4, 2004
Advan ce
In form ati o n
tWP
46
55
ns
tWPH
10
10
ns
tWR
00
ns
Table 55. Burst READ Timing Parameters
Symbol
70ns/80 MHz
85ns/66 MHz
Units
MinMax
MinMax
tACLK
911
ns
tBOE
20
20
ns
tCBPH
55
ns
tCEW
17.517.5
ns
tCLK
12.5
15
ns
tCSP
45
ns
tHD
22
ns
tKOH
22
ns
tOHZ
88
ns
tSP
33
ns
Table 54. Asynchronous WRITE Timing Parameters—ADV# LOW (Continued)
Symbol
70ns/80 MHz
85ns/66 MHz
Units
MinMax
MinMax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com