Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 161 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 161 Page - SPANSION

Back Button S71GS256 Datasheet HTML 157Page - SPANSION S71GS256 Datasheet HTML 158Page - SPANSION S71GS256 Datasheet HTML 159Page - SPANSION S71GS256 Datasheet HTML 160Page - SPANSION S71GS256 Datasheet HTML 161Page - SPANSION S71GS256 Datasheet HTML 162Page - SPANSION S71GS256 Datasheet HTML 163Page - SPANSION S71GS256 Datasheet HTML 164Page - SPANSION S71GS256 Datasheet HTML 165Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 195 page
background image
October 4, 2004 cellRAM_00_A0
CellularRAM Type 2
161
Ad vance
Info rmat i o n
Notes:
1. Non-default BCR settings: Latency code two (three clocks); WAIT active LOW; WAIT asserted during delay.
2. When transitioning between asynchronous and variable-latency burst operations, CE# must go HIGH. If CE# goes
HIGH, it must remain HIGH for at least 5ns (tCBPH) to schedule the appropriate internal refresh operation. See “How
Extended Timings Impact CellularRAM™ Operation” for restrictions on the maximum CE# LOW time (tCEM).
Figure 56. Asynchronous WRITE (ADV# LOW) Followed By Burst READ
Table 54. Asynchronous WRITE Timing Parameters—ADV# LOW
Symbol
70ns/80 MHz
85ns/66 MHz
Units
MinMax
MinMax
tAW
70
85
ns
tBW
70
85
ns
tCKA
70
85
ns
tCW
70
85
ns
tDH
00
ns
tDW
23
23
ns
tWC
70
85
ns
tWHZ
88
ns
tOHZ
High-Z
High-Z
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
A[22:0]
ADV#
CE#
LB#/UB#
DQ[15:0]
WAIT
tCSP
tSP
tHD
VIH
VIL
OE#
WE#
tSP
tHD
tCLK
VIH
VIL
CLK
tBOE
Valid
Address
tWC
tWC
(Note 2)
tWP tWPH
tSP
tHD
Valid
Output
Valid
Output
Valid
Output
Valid
Output
VOH
VOL
tKOH
tACLK
High-Z
Don't Care
Undefined
Legend:
Valid
Address
Valid
Address
tCKA
tSP
tHD
tBW
tCW
tAW
tWR
tCSP
tWC
tCEW
DATA
tDH
tWHZ
DATA
tDW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com