Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 193 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 193 Page - SPANSION

Back Button S71GS256 Datasheet HTML 187Page - SPANSION S71GS256 Datasheet HTML 188Page - SPANSION S71GS256 Datasheet HTML 189Page - SPANSION S71GS256 Datasheet HTML 190Page - SPANSION S71GS256 Datasheet HTML 191Page - SPANSION S71GS256 Datasheet HTML 192Page - SPANSION S71GS256 Datasheet HTML 193Page - SPANSION S71GS256 Datasheet HTML 194Page - SPANSION S71GS256 Datasheet HTML 195Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 193 / 195 page
background image
December 15, 2004 cellRAM_02_A0
CellularRAM-2A
193
Ad vance
Info rmat i o n
How Extended Timings Impact CellularRAM™ Operation
Introduction
CellularRAM products use a DRAM technology that periodically requires refresh to
ensure against data corruption. CellularRAM devices include on-chip circuitry that
performs the required refresh in a manner that is completely transparent in sys-
tems with normal bus timings. The refresh circuitry does impose constraints on
timings in systems that take longer than 10µs to complete WRITE operations.
This section describes CellularRAM timing requirements in systems that perform
extended operations.
Operation When Page Mode is Disabled
CellularRAM products require that all WRITE operations must be completed within
10µs. After completing an operation, the device must either enter standby (by
transitioning CE# HIGH), or else perform a second operation using a new ad-
dress. Figures 80 and 81 demonstrate these constraints as they apply during an
asynchronous (page-mode-disabled) operation. Either the CE# active period
(tCEM in Figure 80) or the address valid period (tTM in Figure 81) must be less than
10 µs during any operation to accommodate orderly scheduling of refresh.
Note:Timing constraints when page mode is enabled.
Figure 80. Extended Timing for tCEM
Note:Timing constraints when page mode is enabled.
Figure 81. Extended Timing for tTM
Operation When Page Mode is Enabled
When a CellularRAM device is configured for page mode operation, the address
inputs are used to accelerate read accesses and cannot be used by the on-chip
circuitry to schedule refresh. CE# must return HIGH upon completion of all
WRITE operations when page mode is enabled (Figure 82). The total time taken
for a WRITE operation should not exceed 10 µs to accommodate orderly sched-
uling of refresh.
CE#
ADDRESS
tCEM
10 µs
<
CE#
ADDRESS
TM<
t
10µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com