Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 187 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 187 Page - SPANSION

Back Button S71GS256 Datasheet HTML 183Page - SPANSION S71GS256 Datasheet HTML 184Page - SPANSION S71GS256 Datasheet HTML 185Page - SPANSION S71GS256 Datasheet HTML 186Page - SPANSION S71GS256 Datasheet HTML 187Page - SPANSION S71GS256 Datasheet HTML 188Page - SPANSION S71GS256 Datasheet HTML 189Page - SPANSION S71GS256 Datasheet HTML 190Page - SPANSION S71GS256 Datasheet HTML 191Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 195 page
background image
December 15, 2004 cellRAM_02_A0
CellularRAM-2A
187
Ad vance
Info rmat i o n
Figure 73. Load Configuration Register Timing
Table 79. Power-up Initialization Timing Parameters
Parameter
Symbol
Min
Max
Units
Notes
Initialization Period (required before normal operations)
tPU
150
µs
Figure 72. Power-up Initialization Period
Table 80. Load Configuration Register Timing Requirements
Symbol
Min
Max
Units
Symbol
Min
Max
Units
tAS
0
ns
tWC
70
ns
tAW
70
tWP
40
tCDZZ
5tWR
0
tCW
70
tZZWE
10
500
tPU
VCC, VCCQ = 1.7V
VCC (MIN)
Device ready for
normal operation
ADDRESS
ZZ#
tWC
tAW
tWR
tAS
CE#
LB#/UB#
tZZWE
DON’T CARE
WE#
tWP
tCDZZ
OPCODE
tCW
OE#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com