Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 183 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 183 Page - SPANSION

Back Button S71GS256 Datasheet HTML 179Page - SPANSION S71GS256 Datasheet HTML 180Page - SPANSION S71GS256 Datasheet HTML 181Page - SPANSION S71GS256 Datasheet HTML 182Page - SPANSION S71GS256 Datasheet HTML 183Page - SPANSION S71GS256 Datasheet HTML 184Page - SPANSION S71GS256 Datasheet HTML 185Page - SPANSION S71GS256 Datasheet HTML 186Page - SPANSION S71GS256 Datasheet HTML 187Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 195 page
background image
December 15, 2004 cellRAM_02_A0
CellularRAM-2A
183
Ad vance
Info rmat i o n
DC Characteristics
Wireless Temperature (-25°C ≤ TC ≤ +85°C)
Industrial Temperature (-40°C < TC < +85°C)
Notes:
1. This parameter is specified with the outputs disabled to avoid external loading effects. The user must add current
required to drive output capacitance expected in the actual system.
2. This device assumes a standby mode if the chip is disabled (CE# HIGH). It will also automatically go into a standby
mode whenever all input signals are quiescent (not toggling), regardless of the state of CE#, LB#, and UB#. In
order to achieve low standby current, all inputs must be either VCCQ or VSS.
3. ISB (MAX) values measured with PAR set to FULL ARRAY and TCR set to +85°C.
Notes:
1. ITCR (MAX) values measured with FULL ARRAY refresh.
2. This device assumes a standby mode if the chip is disabled (CE# HIGH). It will also automatically go into a standby mode
whenever all input signals are quiescent (not toggling), regardless of the state of CE#, LB#, and UB#. In order to achieve
low standby current, all inputs must be either VCCQ or VSS.
Table 69. Electrical Characteristics and Operating Conditions
Description
Conditions
Symbol
Min
Max
Units
Notes
Supply Voltage
VCC
1.70
1.95
V
I/O Supply Voltage
1.8 V
VCCQ
1.70
2.25
V
Input High Voltage
VIH
1.4
VCCQ + 0.2
V
Input Low Voltage
VIL
-0.20
0.4
V
Output High Voltage
IOH = -0.2mA
VOH
0.80 VCCQ
V
Output Low Voltage
IOL = +0.2mA
VOL
0.20 VCCQ
V
Input Leakage Current
VIN = 0 to VCCQ
ILI
1µA
Output Leakage Current
OE# = VIH or
Chip Disabled
ILO
1µA
2
Read Operating Current
VIN = VCCQ or 0V
Chip Enabled, IOUT = 0
ICC1
25
mA
1, 2
Write Operating Current
VIN = VCCQ or 0V
Chip Enabled
ICC2
25
mA
1, 2
MAX Standby Current
VIN = VCCQ or 0V
Chip Disabled
ISB
100
µA
2, 3
Table 70. Temperature Compensated Refresh Specifications and Conditions
Description
Conditions
Symbol
Density
Max Case
Temperature
Typ
Max
Units
Temperature Compensated
Refresh Standby Current
VIN = VCCQ or 0V,
Chip Disabled
ITCR
64 Mb
+85°C
100
µA
+70°C
TBD
+45°C
TBD
+15°C
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com