Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 181 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 181 Page - SPANSION

Back Button S71GS256 Datasheet HTML 177Page - SPANSION S71GS256 Datasheet HTML 178Page - SPANSION S71GS256 Datasheet HTML 179Page - SPANSION S71GS256 Datasheet HTML 180Page - SPANSION S71GS256 Datasheet HTML 181Page - SPANSION S71GS256 Datasheet HTML 182Page - SPANSION S71GS256 Datasheet HTML 183Page - SPANSION S71GS256 Datasheet HTML 184Page - SPANSION S71GS256 Datasheet HTML 185Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 195 page
background image
December 15, 2004 cellRAM_02_A0
CellularRAM-2A
181
Ad vance
Info rmat i o n
Table 67. Configuration Register Bit Mapping
Table 68. 64Mb Address Patterns for PAR (CR[4] = 1)
CR[2]
CR[1]
CR[0]
Active Section
Address Space
Size
Density
0
0
0
Full die
000000h–3FFFFFh
4 Meg x 16
64Mb
0
0
1
Three-quarters of die
000000h–2FFFFFh
3 Meg x 16
48Mb
0
1
0
One-half of die
000000h–1FFFFFh
2 Meg x 16
32Mb
0
1
1
One-quarter of die
000000h–0FFFFFh
1 Meg x 16
16Mb
1
0
0
None of die
0
0 Meg x 16
0Mb
1
0
1
Three-quarters of die
100000h–3FFFFFh
3 Meg x 16
48Mb
1
1
0
One-half of die
200000h–3FFFFFh
2 Meg x 16
32Mb
1
1
1
One-quarter of die
300000h–3FFFFFh
1 Meg x 16
16Mb
PAR
A4
A3
A2
A1
A0
Configuration
Register
Address Bus
4
1
2
3
0
RESERVED
6
5
A5
0
1
Sleep Mode
DPD Enabled
PAR Enabled (default)
CR[4]
TCR
CR[6] CR[5]
11
1
1
00
0
0
Maximum Case Temp.
+85 C (default)
+70 C
+45 C
+15 C
A6
21– 8
RESERVED
A[21:8]
CR[1]
0
0
1
1
CR[0]
0
1
0
1
PAR Refresh Coverage
Full array (default)
Bottom 3/4 array
Bottom 1/2 array
Bottom 1/4 array
CR[2]
0
0
0
0
00
1
01
1
1
0
1
11
1
None of array
Top 3/4 array
Top 1/2 array
Top 1/4 array
SLEEP
Must be set to "0"
All must be set to "0"
A7
7
PAGE
0
1
Page Mode Enable/Disable
Page Mode Disabled (default)
Page Mode Enabled
CR[7]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com