Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 180 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 180 Page - SPANSION

Back Button S71GS256 Datasheet HTML 176Page - SPANSION S71GS256 Datasheet HTML 177Page - SPANSION S71GS256 Datasheet HTML 178Page - SPANSION S71GS256 Datasheet HTML 179Page - SPANSION S71GS256 Datasheet HTML 180Page - SPANSION S71GS256 Datasheet HTML 181Page - SPANSION S71GS256 Datasheet HTML 182Page - SPANSION S71GS256 Datasheet HTML 183Page - SPANSION S71GS256 Datasheet HTML 184Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 195 page
background image
180
CellularRAM-2A
cellRAM_02_A0 December 15, 2004
Advan ce
In form ati o n
tering the refresh parameters can dramatically reduce current consumption
during standby mode. Page mode control is also embedded into the configuration
register. Table 67 describes the control bits used in the CR. At power up, the CR
is set to 0070h.
Figure 69. Load Configuration Register Operation
Partial Array Refresh (CR[2:0]) Default = Full Array Refresh
The PAR bits restrict refresh operation to a portion of the total memory array. This
feature allows the system to reduce current by only refreshing that part of the
memory array required by the host system. The refresh options are full array,
three-quarters array, one-half array, one-quarter array, or none of the array. The
mapping of these partitions can start at either the beginning or the end of the
address map (see Table 68 on page 181).
Sleep Mode (CR[4]) Default = PAR Enabled, DPD Disabled
The sleep mode bit determines which low-power mode is to be entered when ZZ#
is driven LOW. If CR[4] = 1, PAR operation is enabled. If CR[4] = 0, DPD opera-
tion is enabled.
DPD operation disables all refresh-related activity. This mode will be used when
the system does not require the storage provided by the CellularRAM device. Any
stored data will become corrupted when DPD is enabled. When refresh activity
has been re-enabled, the CellularRAM device will require 150µs to perform an ini-
tialization procedure before normal operation can resume.
Temperature Compensated Refresh (CR[6:5]) Default = +85°C Operation
The TCR bits allow for adequate refresh at four different temperature thresholds:
+15°C, +45°C, +70°C, and +85°C. The setting selected must be for a tempera-
ture higher than the case temperature of the CellularRAM device. If the case
temperature is +50°C, the system can minimize self refresh current consumption
by selecting the +70°C setting. The +15°C and +45°C settings would result in
inadequate refreshing and cause data corruption.
Page Mode READ Operation (CR[7]) Default = Disabled
The page mode operation bit determines whether page mode READ operations
are enabled. In the power-up default state, page mode is disabled.
ADDRESS VALID
CE#
ZZ#
WE#
t < 500ns
ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com