Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 182 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 182 Page - SPANSION

Back Button S71GS256 Datasheet HTML 178Page - SPANSION S71GS256 Datasheet HTML 179Page - SPANSION S71GS256 Datasheet HTML 180Page - SPANSION S71GS256 Datasheet HTML 181Page - SPANSION S71GS256 Datasheet HTML 182Page - SPANSION S71GS256 Datasheet HTML 183Page - SPANSION S71GS256 Datasheet HTML 184Page - SPANSION S71GS256 Datasheet HTML 185Page - SPANSION S71GS256 Datasheet HTML 186Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 195 page
background image
182
CellularRAM-2A
cellRAM_02_A0 December 15, 2004
Advan ce
In form ati o n
Absolute Maximum Ratings
Voltage to Any Ball Except VCC, VCCQ
Relative to VSS . . . -0.50 V to (4.0 V or VCCQ + 0.3 V, whichever is less)
Voltage on VCC Supply Relative to VSS . . . . . . . . . . . . . . . -0.20 V to +2.45 V
Voltage on VCCQ Supply Relative to VSS . . . . . . . . . . . . . . . -0.20 V to +4.0 V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55ºC to +150ºC
Operating Temperature (case)
Wireless. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25ºC to +85ºC
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40ºC to +85ºC
Soldering Temperature and Time
10s (lead only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260ºC
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only, and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating con-
ditions for extended periods may affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com